Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2137 Datasheet (PDF) - RF Micro Devices

RF2137 Datasheet PDF - RF Micro Devices
Part # RF2137
Download  RF2137 Download
File Size   54.96 Kbytes
Page   4 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description LINEAR POWER AMPLIFIER

RF2137 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2137 Datasheet PDF - RF Micro Devices

Part # RF2137
Download  RF2137 Click to download

File Size   54.96 Kbytes
Page   4 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description LINEAR POWER AMPLIFIER

RF2137 Datasheet (HTML) - RF Micro Devices


RF2137 Product details

Product Description
The RF2137 is a high power, high efficiency linear amplifier IC. The device is manufactured on an advanced Gallium Arsenide Heterojunction Bipolar Transistor (HBT) process, and has been designed for use as the final RF amplifier in dual-mode 4-cell CDMA/AMPS hand-held digital cellular equipment, spread spectrum systems, and other applications in the 800MHz to 950MHz band. The device is self-contained with 50Ω input and the output can be easily matched to obtain optimum power, efficiency, and linearity characteristics at all recommended supply voltages.

Features
• Single 4.2V to 6.0V Supply
• Up to 29 dBm Linear Output Power
• 27dB Gain With Analog Gain Control
• 45% Linear Efficiency
• On-board Power Down Mode
• 800MHz to 950MHz Operation

Typical Applications
• 4.8V AMPS Cellular Handsets
• 4.8V CDMA/AMPS Handsets
• 4.8V JCDMA/TACS Handsets
• Driver Amplifier in Cellular Base Stations
• Portable Battery-Powered Equipment




Similar Part No. - RF2137

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2131 RFMD-RF2131 Datasheet
84Kb / 10P
HIGH EFFICIENCY AMPS/ETACS AMPLIFIER
RF2131PCBA RFMD-RF2131PCBA Datasheet
84Kb / 10P
HIGH EFFICIENCY AMPS/ETACS AMPLIFIER
RF2132 RFMD-RF2132 Datasheet
110Kb / 6P
LINEAR POWER AMPLIFIER
RF2132 RFMD-RF2132 Datasheet
131Kb / 6P
LINEAR POWER AMPLIFIER
RF2132PCBA RFMD-RF2132PCBA Datasheet
110Kb / 6P
LINEAR POWER AMPLIFIER
More results


Similar Description - RF2137

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2132 RFMD-RF2132 Datasheet
110Kb / 6P
LINEAR POWER AMPLIFIER
RF2132 RFMD-RF2132_06 Datasheet
131Kb / 6P
LINEAR POWER AMPLIFIER
logo
Skyworks Solutions Inc.
AP172-317LF SKYWORKS-AP172-317LF Datasheet
216Kb / 6P
Linear Power Amplifier
logo
M/A-COM Technology Solu...
MAAP-008516 MA-COM-MAAP-008516 Datasheet
277Kb / 6P
Linear Power Amplifier
MAAPSS0075 MA-COM-MAAPSS0075_15 Datasheet
179Kb / 6P
Linear Power Amplifier
XP1080-QU MA-COM-XP1080-QU_15 Datasheet
771Kb / 8P
Linear Power Amplifier
logo
RF Micro Devices
RF5117 RFMD-RF5117_11 Datasheet
285Kb / 13P
LINEAR POWER AMPLIFIER
RF5125 RFMD-RF5125_11 Datasheet
842Kb / 15P
LINEAR POWER AMPLIFIER
RF5152 RFMD-RF5152_11 Datasheet
216Kb / 10P
LINEAR POWER AMPLIFIER
logo
M/A-COM Technology Solu...
XP1031-QK-AN0T MA-COM-XP1031-QK-AN0T Datasheet
559Kb / 5P
Linear Power Amplifier
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com