Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17559EP/R2 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MPC17559EP/R2
Description  Micromotor Driver with Dual 3-Phase and Dual H-Bridge Outputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17559EP/R2 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MPC17559EP/R2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC17559EP/R2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC17559EP/R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC17559EP/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC17559EP/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17559EP/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17559EP/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17559EP/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17559EP/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
17559
TERMINAL CONNECTIONS
55
PWM1
Input
PWM Input 1
Three-phase driver channel 1 PWM input terminal.
56
UI1
Input
Three-Phase Input UI1
Three-phase driver channel 1 U input terminal.
Table 1. 17559 Terminal Definitions (continued)
A functional description of each terminal can be found in the Functional Terminal Description section beginning on page 10.
Terminal
Number
Terminal
Name
Terminal
Function
Formal Name
Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com