Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17559EP/R2 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC17559EP/R2
Description  Micromotor Driver with Dual 3-Phase and Dual H-Bridge Outputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17559EP/R2 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC17559EP/R2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC17559EP/R2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC17559EP/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17559EP/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17559EP/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17559EP/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17559EP/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC17559EP/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC17559EP/R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
17559
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions VM = 1.2 V, VDD = 2.4 V, VCRES = 6.8 V, 7.0 V ≤ VG ≤ 18 V, -20°C ≤ TA ≤ 65°C,
GND = 0 V unless otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal
conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER
Motor Supply Voltage (10)
VM
0.9
1.2
3.5
V
Logic Supply Voltage
VDD
1.8
2.4
3.5
V
Gate Drive Boost Voltage
VG
VM+5.0
–
9.0
V
Standby Power Supply Current (11)
Motor Supply Standby Current
Logic Supply Standby Current
Gate Drive Boost Voltage
IV
MSTBY
IV
DDSTBY
IV
GSTBY
–
–
–
–
–
–
1.0
1.0
1.0
µA
No Signal Input Supply Current (12)
Logic Supply Current
Gate Drive Boost Voltage
IV
DDN
IV
GN
–
–
30
75
60
120
µA
Active Supply Current (13)
Logic Supply Current
Gate Drive Boost Voltage
IV
DD
IV
G
–
–
50
0.54
100
0.65
µA
mA
Driver Output ON Resistance (14)
Three-Phase Drivers
H-Bridge Drivers
RDS(ON)3p
RDS(ON)hb
–
–
1.30
0.87
1.70
1.30
Ω
Low-Voltage Detector Voltage
Circuit Disable Voltage
Circuit Enable Voltage
VLOon
VLOoff
0.75
0.75
1.07
1.13
1.60
1.60
V
Notes
10.
VMU1, VMU2, VMVW1, VMVW2, VMF1, VMR1, VMF2, and VMR2 terminals.
11.
UI1, VI1, WI1, PWM1, UI2, VI2, WI2, PWM2, FI1, RI1, FI2, and RI2 are “L” (low) or “H” (high) when OE = “L” (low).
12.
UI1, VI1, WI1, PWM1, UI2, VI2, WI2, PWM2, FI1, RI1, FI2, and RI2 are “L” (low) or “H” (high) when OE = “H” (high).
13.
OE = ”H” (high), fPWM = 176.4 kHz, fUVM = 100 Hz, fIN = 88.2 kHz.
14.
Summary of top and bottom when IO = 100 mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com