Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC17559EP/R2 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MPC17559EP/R2
Description  Micromotor Driver with Dual 3-Phase and Dual H-Bridge Outputs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC17559EP/R2 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MPC17559EP/R2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC17559EP/R2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC17559EP/R2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC17559EP/R2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC17559EP/R2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC17559EP/R2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC17559EP/R2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC17559EP/R2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC17559EP/R2 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
17559
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. Dynamic Electrical Characteristics
Characteristics noted under conditions VM = 1.2 V, VDD = 2.4 V, VCRES = 6.8 V, 7.0 V ≤ VG ≤ 18 V, -40°C ≤ TA ≤ 125°C,
GND = 0 V unless otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal
conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
INPUT
Input Signal Frequency
PWM1, PWM2
UI1, VI1, WI1, UI2, VI2, WI2
FI1, RI1, FI2, RI2
fPWM
fUVW
fIN
–
–
–
176.4
100
88.2
–
–
–
kHz
Hz
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com