Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC412A Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC412A
Description  Synchronous Buck Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC412A Datasheet(HTML) 2 Page - Semtech Corporation

  SC412A Datasheet HTML 1Page - Semtech Corporation SC412A Datasheet HTML 2Page - Semtech Corporation SC412A Datasheet HTML 3Page - Semtech Corporation SC412A Datasheet HTML 4Page - Semtech Corporation SC412A Datasheet HTML 5Page - Semtech Corporation SC412A Datasheet HTML 6Page - Semtech Corporation SC412A Datasheet HTML 7Page - Semtech Corporation SC412A Datasheet HTML 8Page - Semtech Corporation SC412A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Parameter
Conditions
25°C
-40° to 85°C
Units
Min
Typ
Max
Min
Max
Input Supplies
VBAT Input Voltage
3.0
25
V
VCC Shutdown Current
EN = 0V
1
5
μA
VCC Operating Current
FB > REF
500
1000
μA
Controller
FB On-Time Threshold
0.75
0.7425
0.7575
V
Regulation
Line Regulation Error
Typical Application Circuit
0.04
%/V
Load Regulation Error
Typical Application Circuit
0.3
%
2
© 2006 Semtech Corp.
www.semtech.com
SC412A
POWER MANAGEMENT
Parameter
Symbol
Min
Max
Units
DH, BST to GND (DC)
DH, BST to GND (transient - 100nsec max)
-0.3
-2.0
+30
+33
V
DL to GND (DC)
DL to GND (transient - 100nsec max)
-0.3
-2.0
+6.0
+6.0
V
LX to GND (DC)
LX to GND (transient - 100nsec max)
-0.3
-2.0
+25
+28
V
BST to LX
-0.3
+6.0
V
RTN to GND
-0.3
+0.3
V
VCC to RTN
-0.3
+6.0
V
EN, FB, ILIM, PGOOD, VCC, VOUT to RTN
-0.3
VCC + 0.3
V
Operating Junction Temperature Range
T
J
-40
+125
o
C
Storage Temperature Range
T
STG
-60
+150
o
C
Thermal Resistance, Junction to Ambient(1)
θ
JA
45
o
C/Watt
Peak IR Reflow Temperature, 10-40 Second
T
PKG
+260
o
C
ESD Rating (Human Body Model)
2kV
Test Conditions: V
BAT = 15V, VOUT = 1.5V, TA = 25
o
C, 0.1% resistor dividers; V
CC = 5.0V, unless otherwise noted.
Exceeding the specifications below may result in permanent damage to the device or device malfunction. Operation outside of the parameters
specified in the Electrical Characteristics section is not implied. Exposure to Absolute Maximum rated conditions for extended periods of time
may affect device reliability.
Note:
(1) Calculated from package in still air, mounted 3” to 4.5”, 4 layer FR4 PCB with thermal vias under the exposed pad per JESD51 standards.
Absolute Maximum Ratings
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com