Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC412A Datasheet(PDF) 3 Page - Semtech Corporation

Part # SC412A
Description  Synchronous Buck Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC412A Datasheet(HTML) 3 Page - Semtech Corporation

  SC412A Datasheet HTML 1Page - Semtech Corporation SC412A Datasheet HTML 2Page - Semtech Corporation SC412A Datasheet HTML 3Page - Semtech Corporation SC412A Datasheet HTML 4Page - Semtech Corporation SC412A Datasheet HTML 5Page - Semtech Corporation SC412A Datasheet HTML 6Page - Semtech Corporation SC412A Datasheet HTML 7Page - Semtech Corporation SC412A Datasheet HTML 8Page - Semtech Corporation SC412A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
Parameter
Conditions
25°C
-40° to 85°C
Units
Min
Typ
Max
Min
Max
Timing
On-Time
Continuous Mode Operation
V
OUT = 1.1V
250
225
275
ns
Minimum On-Time
100
ns
Minimum Off-Time
350
Maximum Duty Cycle
V
BAT < VOUT +0.2
V
OUT < On-Time Threshold
85
80
%
Soft-Start
Soft-Start Time
I
OUT = ILIM/2
1000
μs
Analog Inputs/Outputs
VOUT Input Resistance
500
kΩ
Current Sense
Zero-Crossing
Detector Threshold
LX - GND
0
-7
+7
mV
Power Good
Power Good Threshold
1% HysteresisTypical
-12%
-9%
-15%
%
Threshold Delay Time(1)
1.5
μs
Leakage
1
μA
Fault Protection
ILIM Source Current
10
9
11
μA
ILIM Comparator Offset
0
-10
+10
mV
Current Limit (Negative)
LX - GND
80
60
100
mV
Output Under-Voltage Fault
FB with Respect to REF
-30
-35
-25
%
Steady-State
Over-Voltage Fault
FB with Respect to REF
20
+17
+23
%
Over-Voltage Fault Delay(1)
FB Forced 50mV Above
Over-Voltage Fault Threshold
1.5
μs
VCCA Under-Voltage
(UVLO)
Conditions = Falling Edge
(Hysteresis 100mV)
4
3.7
4.35
V
Over-Temperature
Shutdown(1)
160
°C
Logic Inputs/Outputs
Logic Input Hgh Voltage
EN
1.2
V
Logic Input Low Voltage
EN
0.4
V
3
© 2006 Semtech Corp.
www.semtech.com
SC412A
POWER MANAGEMENT
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com