Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC412A Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC412A
Description  Synchronous Buck Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC412A Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC412A Datasheet HTML 14Page - Semtech Corporation SC412A Datasheet HTML 15Page - Semtech Corporation SC412A Datasheet HTML 16Page - Semtech Corporation SC412A Datasheet HTML 17Page - Semtech Corporation SC412A Datasheet HTML 18Page - Semtech Corporation SC412A Datasheet HTML 19Page - Semtech Corporation SC412A Datasheet HTML 20Page - Semtech Corporation SC412A Datasheet HTML 21Page - Semtech Corporation SC412A Datasheet HTML 22Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
20
© 2006 Semtech Corp.
www.semtech.com
SC412A
POWER MANAGEMENT
Reference Design
Reference Design 1.15V 20A
4
D
Q1
RJK0305DP
BAT54A
D1
C3
10UF
EN
PGD
+ C5*
*330uF/6mohm
R2
18.7K
VCC
VOUT
LX
1
BST
2
VCC
3
DL
4
FB
9
VOUT
10
PGD
11
EN
12
17
PAD
U1
SC412A
D2
MBRS140L
VBAT
L1
C7
1UF
C1
10UF
C2
10UF
R1
10K
VCC
C4
100NF
0.7uH
C8
1UF
VCC
R3
10K
C9
10NF
C10
NO_POP
+C6*
R4
10K
VOUT
4
D
Q2
RJK0302DP
Component
Value
Manufacturer
Part Number
Web
C1, C2, C3
10uF, 25V
Murata
GRM32DR71E106KA12L
www.murata.com
C5, C5
330uF/6mohm/2V
Panasonic
EEFSX0D331XR
www.panasonic.com
L1
0.7uH, 24A
NEC Tokin
C-PI-1350-0R7S
http://www.nec-tokin.com
Q1
10mohm/30V
Renesas
RJK0305DBP
www.renesas.com
Q2
3.5mohm/30V
Renesas
RJK0302
www.renesas.com
D1
200mA/30V
OnSemi
BAT54C
www.onsemi.com
D2
1A/40V
OnSemi
MBSR140LT3
www.onsemi.com
Bill of Materials



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com