Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC189LEVB-2 Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC189LEVB-2
Description  2.5MHz, 1.5A Synchronous Step Down Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC189LEVB-2 Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC189LEVB-2 Datasheet HTML 12Page - Semtech Corporation SC189LEVB-2 Datasheet HTML 13Page - Semtech Corporation SC189LEVB-2 Datasheet HTML 14Page - Semtech Corporation SC189LEVB-2 Datasheet HTML 15Page - Semtech Corporation SC189LEVB-2 Datasheet HTML 16Page - Semtech Corporation SC189LEVB-2 Datasheet HTML 17Page - Semtech Corporation SC189LEVB-2 Datasheet HTML 18Page - Semtech Corporation SC189LEVB-2 Datasheet HTML 19Page - Semtech Corporation SC189LEVB-2 Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
www.semtech.com
© 2009 Semtech Corp.
16
SC189
Detailed Description
The SC189 is a synchronous step-down pulse width
modulated (PWM) voltage mode DC-DC regulator
operating at 2.5MHz fixed-frequency. The switching
frequency is chosen to minimize the size of the external
inductor and capacitors while maintaining high
efficiency.
Operation
During
normal
operation,
the
internal
high-
side PMOS device is activated on each ris-
ing edge of the internal oscillator.
The voltage
feedback loop uses an internal feedback resistor divider.
The period is set by the on board oscillator when in PWM
mode at average to high loads. The device has an internal
low-side synchronous NMOS device and does not require a
SchottkydiodeontheLXpin.Thedeviceoperatesasabuck
converter in PWM mode with a fixed frequency of 2.5MHz.
Output Voltage Selection
The SC189 is designed for fixed output voltage. There
are some options for preset output voltage shown in
Table 1. If the voltage desired is not shown in the Table
1, it can be programmed via an external resistor di-
vider. There will be typical 1uA current flowing into the
VOUT pin. The typical schematic of adjustable output
voltage option from the part with standard 1.0V, the
SC189A, is shown in Figure 1. The C
FF is needed for main-
tain the performance of the transient response. The
proper value of C
FF can be calculated by the equation
(
)
(
)
)
5
.
0
(
]
[
5
.
0
10
]
[
1
2
−
×
−
⋅
Ω
−
×
=
OSTD
OSTD
OSTD
OUT
FB
OUT
FF
V
V
V
V
k
R
V
nF
C
,where the V
OSTD is the standard voltage shown in Table 1.
To simplify the design, it is recommended to program the
desired output voltage from standard 1.0V as shown in
Figure 1 with a proper C
FF calculated from the equation
shown above. For programming the output voltage from
other standard voltage, the R
FB1, RFB2 and CFF need to be
adjusted to meet the equation shown above.
Maximum Power Dissiption of SOT23-5 Package
The maximum power dissiption for junction tempera-
ture of less than 125°C on SOT23-5 package is shown
in figure 2. The curve is drawn based on the Θ
JA of
90°C/W which is measured in free convection, mounted
on 10mm x 10mm, 2 layer FR4 PCB shown in figure 8
with copper of 1oz for each layer. The maximum power
dissiption may limit the maximum output current over
temperature. The figure 3 and figure 4 show the typi-
cal maximum output current for T
J ≤ 125°C over tem-
perature of V
IN=5.0V and VIN=3.3V, respectively. If using
inductor with higher loss (i.e., chip inductor), due to
the higher board temperature, the Θ
JA will be a little bit
higher.
Protection Features
The SC189 provides the following protection features:
Thermal Shutdown
Current Limit
Over-Voltage Protection
Soft-Start Operation
Thermal Shutdown
The device has a thermal shutdown feature to protect
the SC189 if the junction temperature exceeds 160°C.
During thermal shutdown, the on-chip power devices
are disabled with the LX output floating. When the die
temperature drops by 10°C, the part will initiate a soft
start recovery to normal operation.
Current Limit
The internal PMOS power device in the switching stage is
protected by current limit feature. If the output is loaded
above the PMOS current limit for 32 consecutive cycles,
the SC189 enters foldback current limit mode and the
output current is limited to the current limit holding
current (I
CL_HOLD) of a few hundred milliampere. Under
these conditions the output voltage will be the product
of I
CL_HOLD and the load resistance. The
current limit
holding current (I
CL_HOLD) will be decreased when output
voltage is increased. The load presented must fall below
•
•
•
•
Applications Information
EN
GND
C
IN
V
IN
V
OUT
C
OUT
L
LX
VOUT
Enable
SC189A
VIN
R
FB1
C
FF
R
FB2
10k
R
EN
Note: (1) R
EN is optional.
(2) R
FB2=10k and CFF=10nF for standard design.
2
1
)
1
(
FB
OUT
FB
R
V
R
×
−
=
Schematic of Adjustable V
OUT from SC189A (Std VOUT=1.0V)
Figure 1 — Typical schematic for adjustable output
voltage option from standard 1.0V of SC189A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com