Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC189LEVB-2 Datasheet(PDF) 17 Page - Semtech Corporation

Part # SC189LEVB-2
Description  2.5MHz, 1.5A Synchronous Step Down Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC189LEVB-2 Datasheet(HTML) 17 Page - Semtech Corporation

Back Button SC189LEVB-2 Datasheet HTML 13Page - Semtech Corporation SC189LEVB-2 Datasheet HTML 14Page - Semtech Corporation SC189LEVB-2 Datasheet HTML 15Page - Semtech Corporation SC189LEVB-2 Datasheet HTML 16Page - Semtech Corporation SC189LEVB-2 Datasheet HTML 17Page - Semtech Corporation SC189LEVB-2 Datasheet HTML 18Page - Semtech Corporation SC189LEVB-2 Datasheet HTML 19Page - Semtech Corporation SC189LEVB-2 Datasheet HTML 20Page - Semtech Corporation SC189LEVB-2 Datasheet HTML 21Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
www.semtech.com
© 2009 Semtech Corp.
17
SC189
the current limit holding current for the SC189 to exit
foldback current limit mode. Figure 5 shows the typical
current limit holding current decreasing rate over differ-
ent output voltage. The SC189 is capable of sustaining an
indefinite short circuit without damage and will resume
normal operation when the fault is removed. The foldback
current limit mode will be disabled during the soft-start.
Over-Voltage Protection
In the event of a 15% over-voltage on the output, the
PWM drive is disabled with LX pin floating.
Soft-Start
The soft-start mode is activated after VIN reaches its
UVLO and EN signal is set high to enable the part. An over
temperature shutdown event will also activate the soft
start sequence. Soft-start mode controls the maximum
current during startup thus limiting in-rush current. The
PMOS current limit is stepped through four soft start
levels of approximately 20%, 25%, 40%, & 100%. Each
step is maintained for 20μs following internal reference
start up of 20μs giving the total nominal startup period
of 100μs. During startup, the chip operates in controlling
the inductor current swings between 0A and current
limit. If V
OUT reaches 90% of the target within the first 2
current levels, the chip continues in hysteretic mode till
the end of the soft-start time period before switching to
PWM mode. If V
OUT does not reach 90% by the end of the
second current limit level, soft start will continue to level 3
or level 4 till the output voltage reaches 96% and will then
transition into PWM mode. After the full soft start time
period, the SC189 will switch into PWM mode operation
regardless of the V
OUT level.
The SC189 is capable of starting up into a pre-biased
output. When the output is precharged by another supply
rail, the SC189 will not discharge the output during the
soft start interval.
Shut Down
When the EN pin voltage goes low, the SC189 will run in
shutdown mode, drawing less than 1μA from the input
power supply. The internal switches and bandgap voltage
will be immediately turned off.
Inductor Selection
The SC189 converter has internal loop compensation. The
Applications Information (continued)
Figure 3 — Typical maximum output current over
temperature of SOT23-5 package, V
IN= 5.0V
Figure 4 — Typical maximum output current over
temperature of SOT23-5 package, V
IN= 3.3V
Maximum Output Current for TJ
 125°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ambient Temperature (°C)
VIN= 5.0V
JA= 90°C/W
VOUT=1.2V
VOUT=2.5V
VOUT= 3.3V
Maximum Output Current for TJ
 125°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ambient Temperature (°C)
VIN= 3.3V
JA= 90°C/W
VOUT=1.2V
VOUT=2.5V
Maximum Power Dissiption for TJ
 125°C
SOT23-5 Package
0
300
600
900
1200
1500
-40
-25
-10
5
20
35
50
65
80
95
110
125
Ambient Temperature (°C)
JA= 90°C/W
Figure 2 — Maximum power dissiption of SOT23-5
package over temperature
Current Limit Holding Current over Vout
0
30
60
90
120
150
1.0
1.5
2.0
2.5
3.0
3.5
Output Voltage (V)
TA= 25°C
VIN= 5.0V
VIN= 3.6V
Figure 5 — Current limit holding current decreasing
rate vs. output voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com