Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC189LEVB-2 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC189LEVB-2
Description  2.5MHz, 1.5A Synchronous Step Down Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC189LEVB-2 Datasheet(HTML) 2 Page - Semtech Corporation

  SC189LEVB-2 Datasheet HTML 1Page - Semtech Corporation SC189LEVB-2 Datasheet HTML 2Page - Semtech Corporation SC189LEVB-2 Datasheet HTML 3Page - Semtech Corporation SC189LEVB-2 Datasheet HTML 4Page - Semtech Corporation SC189LEVB-2 Datasheet HTML 5Page - Semtech Corporation SC189LEVB-2 Datasheet HTML 6Page - Semtech Corporation SC189LEVB-2 Datasheet HTML 7Page - Semtech Corporation SC189LEVB-2 Datasheet HTML 8Page - Semtech Corporation SC189LEVB-2 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
www.semtech.com
© 2009 Semtech Corp.
2
SC189
Pin Configuration
Ordering Information
Marking Information
Device
Package & Description
SC189xULTRT(2)(3)(4) 2mm x 2mm x 0.6mm MLPD-UT6
SC189xSKTRT2)(3)(4)
SOT23-5
SC189xEVB(5)
Evaluation Board for MLPD-UT6
- Standard Size
(i.e., Wire Wound Inductor)
SC189xEVB-1(5)
Evaluation Board for MLPD-UT6
- Small Size
(i.e., Chip Inductor)
SC189xEVB-2(5)
Evaluation Board for SOT23-5
- Standard Size
(i.e., Wire Wound Inductor)
SC189xEVB-3(5)
Evaluation Board for SOT23-5
- Small Size
(i.e., Chip Inductor)
Notes:
(1) Measured in free convection, mounted on 10mm x 10mm, 2 layer
FR4 PCB shown in figure 7 ( for MLPD-UT6 package) and figure 8 (
for SOT23-5 package) with copper of 1oz for each layer.
(2) Available in tape and reel only. A reel contains 3,000 devices.
(3) Available in lead-free package only. Device is WEEE and RoHS
compliant.
(4) “x” is the code of the output voltage. See Table 1 for the code. For
example, the device number for VOUT= 1.20V is SC189CULTRT.
(5) “x” is the code of the output voltage. See Table 1 for the code.
For example, the EVB for MLPD-UT6 package with VOUT= 1.20V is
SC189CEVB (Standard Size) or SC189CEVB-1 (Small Size).
Table 1: Available Output Voltages
Code
for MLPD-UT6
Code
for SOT23-5
VOUT(1)
A
A
1.00
B
B
1.10
C
C
1.20
E
Not Available
1.28
F
Not Available
1.30
H
H
1.50
L
L
1.80
N
Not Available
2.00
T
Y
2.50
Not Available
V
2.70
Z
Z
3.30
Notes:
(1) Contact factory for unavaliable output voltage options.
2mm x 2mm x 0.6mm MLPD-UT6
θ
JA = 60°C/W
(1)
TOP VIEW
NC
1
2
3
6
5
4
EN
VIN
VOUT
GND
LX
T
Marking for 2mm x 2mm MLPD-UT 6 Lead Package:
x = Code of the output voltage (Example: C for VOUT=1.20V)
oyw = Pin 1 and Datecode (Reference Package Marking Design
Guidelines, Appendix A)
FLx
1
2
3
5
4
VIN
GND
EN
LX
VOUT
TOP VIEW
SOT23-5
θ
JA = 90°C/W
(1)
189x
Top Mark
Bottom Mark
Marking for SOT23, 5 Lead Package:
x = Code of the output voltage (Example: C for VOUT=1.20V)
yyww = Datecode (Example: 0852)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com