Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTL2000 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # GTL2000
Description  22-bit bi-directional low voltage translator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2000 Datasheet(HTML) 4 Page - NXP Semiconductors

  GTL2000 Datasheet HTML 1Page - NXP Semiconductors GTL2000 Datasheet HTML 2Page - NXP Semiconductors GTL2000 Datasheet HTML 3Page - NXP Semiconductors GTL2000 Datasheet HTML 4Page - NXP Semiconductors GTL2000 Datasheet HTML 5Page - NXP Semiconductors GTL2000 Datasheet HTML 6Page - NXP Semiconductors GTL2000 Datasheet HTML 7Page - NXP Semiconductors GTL2000 Datasheet HTML 8Page - NXP Semiconductors GTL2000 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Philips Semiconductors
Product data
GTL2000
22-bit bi-directional low voltage translator
2003 Apr 01
4
APPLICATIONS
Bi-directional translation
For the bi-directional clamping configuration, higher voltage to lower voltage or lower voltage to higher voltage, the GREF input must be
connected to DREF and both pins pulled to high side VCC through a pull-up resistor (typically 200 kΩ). A filter capacitor on DREF is
recommended. The processor output can be totem pole or open drain (pull up resistors may be required) and the chipset output can be totem
pole or open drain (pull up resistors are required to pull the Dn outputs to VCC). However, if either output is totem pole, data must be
uni-directional or the outputs must be 3-statable and the outputs must be controlled by some direction control mechanism to prevent high to low
contentions in either direction. If both outputs are open drain, no direction control is needed. The opposite side of the reference transistor (SREF)
is connected to the processor core power supply voltage. When DREF is connected through a 200 kΩ resistor to a 3.3 V to 5.5 V VCC supply
and SREF is set between1.0 V to VCC - 1.5 V, the output of each Sn has a maximum output voltage equal to SREF and the output of each Dn
has a maximum output voltage equal to VCC.
1.8 V
GND
GREF
SREF
S1
S2
D1
D2
1.5 V
1.2 V
1.0 V
SA00642
GTL2002
VCORE
CPU I/O
CHIPSET I/O
TOTEM POLE OR
OPEN DRAIN I/O
TYPICAL BI-DIRECTIONAL VOLTAGE TRANSLATION
5 V
VCC
S5
Sn
D5
Dn
CHIPSET I/O
3.3 V
VCC
D3
D4
S3
S4
INCREASE BIT
SIZE BY USING
10 BIT GTL2010 OR
22 BIT GTL2000
DREF
200 K
Ω
Figure 1. Bi-directional translation to multiple higher voltage levels such as an I2C bus application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com