Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTL2000 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # GTL2000
Description  22-bit bi-directional low voltage translator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2000 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button GTL2000 Datasheet HTML 3Page - NXP Semiconductors GTL2000 Datasheet HTML 4Page - NXP Semiconductors GTL2000 Datasheet HTML 5Page - NXP Semiconductors GTL2000 Datasheet HTML 6Page - NXP Semiconductors GTL2000 Datasheet HTML 7Page - NXP Semiconductors GTL2000 Datasheet HTML 8Page - NXP Semiconductors GTL2000 Datasheet HTML 9Page - NXP Semiconductors GTL2000 Datasheet HTML 10Page - NXP Semiconductors GTL2000 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Philips Semiconductors
Product data
GTL2000
22-bit bi-directional low voltage translator
2003 Apr 01
7
RECOMMENDED OPERATING CONDITIONS
LIMITS
SYMBOL
PARAMETER
CONDITIONS
Min
Max
UNIT
VI/O
Input/output voltage (Sn, Dn)
0
5.5
V
VSREF
DC source reference voltage1
0
5.5
V
VDREF
DC drain reference voltage
0
5.5
V
VGREF
DC gate reference voltage
0
5.5
V
IPASS
Pass transistor current
—
64
mA
Tamb
Operating ambient temperature range
In free air
-40
+85
°C
NOTE:
1. VSREF ≤ VDREF - 1.5 V for best results in level shifting applications.
ELECTRICAL CHARACTERISTICS OVER RECOMMENDED OPERATING FREE-AIR TEMPERATURE RANGE
(unless otherwise noted)
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP1
MAX
UNIT
VOL
Low level output voltage
VDD = 3.0 V; VSREF = 1.365 V; VSn or VDn = 0.175 V;
Iclamp = 15.2 mA
—
260
350
mV
VIK
Input clamp voltage
II = -18 mA
VGREF = 0
—
—
-1.2
V
IIH
Gate input leakage
VI = 5 V
VGREF = 0
—
—
5
µA
CI(GREF)
Gate capacitance
VI = 3 V or 0
—
97.4
—
pF
CIO(OFF)
Off capacitance
VO = 3 V or 0
VGREF = 0
—
7.4
—
pF
CIO(ON)
On capacitance
VO = 3 V or 0
VGREF = 3 V
—
18.6
—
pF
VGREF = 4.5 V
—
3.5
5
VGREF = 3 V
—
4.4
7
Ω
VI = 0
VGREF = 2.3 V
IO = 64 mA
—
5.5
9
Ω
I
VGREF = 1.5 V
—
67
105
ron2
On-resistance
VGREF = 1.5 V
IO = 30 mA
—
9
15
Ω
VGREF = 4.5 V
—
7
10
VI = 2.4 V
VGREF = 3 V
IO = 15 mA
—
58
80
Ω
VI = 1.7 V
VGREF = 2.3 V
O
—
50
70
NOTES:
1. All typical values are measured at Tamb = 25 °C
2. Measured by the voltage drop between the Sn and the Dn terminals at the indicated current through the switch.
On-state resistance is determined by the lowest voltage of the two (Sn or Dn) terminals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com