Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTL2000 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # GTL2000
Description  22-bit bi-directional low voltage translator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2000 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button GTL2000 Datasheet HTML 4Page - NXP Semiconductors GTL2000 Datasheet HTML 5Page - NXP Semiconductors GTL2000 Datasheet HTML 6Page - NXP Semiconductors GTL2000 Datasheet HTML 7Page - NXP Semiconductors GTL2000 Datasheet HTML 8Page - NXP Semiconductors GTL2000 Datasheet HTML 9Page - NXP Semiconductors GTL2000 Datasheet HTML 10Page - NXP Semiconductors GTL2000 Datasheet HTML 11Page - NXP Semiconductors GTL2000 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Philips Semiconductors
Product data
GTL2000
22-bit bi-directional low voltage translator
2003 Apr 01
8
AC CHARACTERISTICS FOR TRANSLATOR TYPE APPLICATIONS
VREF = 1.365 to 1.635 V; VDD1 = 3.0 to 3.6 V; VDD2 = 2.36 to 2.64 V; GND = 0 V; tr = tf ≤ 3.0 ns. Refer to the Test Circuit diagram.
LIMITS
SYMBOL
PARAMETER
WAVEFORM
Tamb = -40 to +85°C
UNIT
MIN
TYP1
MAX
tPLH2
Propagation delay
Sn to Dn; Dn to Sn
0.5
1.5
5.5
ns
NOTES:
1. All typical values are measured at VDD1 = 3.3 V, VDD2 = 2.5 V, VREF = 1.5 V and Tamb = 25°C.
2. Propagation delay guaranteed by characterization.
3. CON(max) of 30 pF and a COFF(max) of 15 pF is guaranteed by design.
AC WAVEFORMS
Vm = 1.5 V; VIN = GND to 3.0 V
INPUT
tPHL
tPLH
VM
VM
VM
VM
TEST JIG OUTPUT
HIGH-to-LOW
LOW-to-HIGH
VM
VM
DUT OUTPUT
HIGH-to-LOW
LOW-to-HIGH
VI
GND
VDD2
VOL
VDD2
VOL
00
tPHL
1
tPLH
1
tPHL
tPLH
SA00524
Waveform 1. The Input (Sn) to Output (Dn) Propagation Delays
TEST CIRCUIT
VREF
S1
S22
DREF
D1
D22
GREF
SA00523
PULSE
GENERATOR
DUT
SREF
VDD1
VDD2
VDD2
VDD2
200K
Ω
150Ω
150Ω
150Ω
TEST
JIG
Waveform 2. Load circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com