Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2318PCBA-L Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2318PCBA-L
Description  LINEAR BROADBAND AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2318PCBA-L Datasheet(HTML) 1 Page - RF Micro Devices

  RF2318PCBA-L Datasheet HTML 1Page - RF Micro Devices RF2318PCBA-L Datasheet HTML 2Page - RF Micro Devices RF2318PCBA-L Datasheet HTML 3Page - RF Micro Devices RF2318PCBA-L Datasheet HTML 4Page - RF Micro Devices RF2318PCBA-L Datasheet HTML 5Page - RF Micro Devices RF2318PCBA-L Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ü
3-21
3
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
1
2
3
4
8
7
6
5
RF IN
GND
GND
GND
RF OUT
GND
GND
GND
RF2318
LINEAR BROADBAND AMPLIFIER
•CATV Amplifiers
• Cable Modems
• Broadband Gain Blocks
• Return Channel Amplifier
• Base Stations
The RF2318 is a broadband general purpose, low cost
high linearity RF amplifier IC. The device is manufactured
on an advanced Gallium Arsenide Heterojunction Bipolar
Transistor (HBT) process, and has been designed for use
as an easily cascadable 75
Ω gain block. The gain flat-
ness of better than 1.0dB from 5MHz to 1000MHz, and
the high linearity, make this part ideal for cable TV appli-
cations. Other applications include IF and RF amplifica-
tion in wireless voice and data communication products
operating in frequency bands up to 5000 MHz. The device
is self-contained with 75
Ω input and output impedances,
and requires only two external DC biasing elements to
operate as specified.
• DC to over 5000MHz Operation
• Internally Matched Input and Output
• 8dB Small Signal Gain
• 6dB Noise Figure
• +18dBm Output Power
• Single 9V to 12V Positive Power Supply
RF2318
Linear Broadband Amplifier
RF2318 PCBA-L
Fully Assembled Evaluation Board (DC to 3GHz)
RF2318 PCBA-H Fully Assembled Evaluation Board (3GHz to 6GHz)
3
Rev A2 010228
.156
.152
.022
.018
5°
.056
.052
.195
.191
.240
.232
.050
.008
.004
MIN
.017
1
Package Style: SOP-8


Similar Part No. - RF2318PCBA-L

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2310 RFMD-RF2310 Datasheet
189Kb / 10P
WIDEBAND GENERAL PURPOSE AMPLIFIER
RF2310PCBA RFMD-RF2310PCBA Datasheet
189Kb / 10P
WIDEBAND GENERAL PURPOSE AMPLIFIER
RF2311 RFMD-RF2311 Datasheet
61Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2311PCBA RFMD-RF2311PCBA Datasheet
61Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2312 RFMD-RF2312 Datasheet
274Kb / 16P
LINEAR GENERAL PURPOSE AMPLIFIER
More results

Similar Description - RF2318PCBA-L

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2302 RFMD-RF2302 Datasheet
164Kb / 8P
BROADBAND LINEAR VARIABLE GAIN AMPLIFIER
logo
List of Unclassifed Man...
B3-28 ETC1-B3-28 Datasheet
114Kb / 2P
Specifically Designed for VHF Broadband Linear Power Amplifier
logo
BOWEI Integrated Circui...
HE321D BOWEI-HE321D Datasheet
114Kb / 1P
Broadband Amplifier
HE361B BOWEI-HE361B Datasheet
111Kb / 1P
Broadband Amplifier
HE364B BOWEI-HE364B Datasheet
119Kb / 1P
Broadband Amplifier
HE382B BOWEI-HE382B Datasheet
109Kb / 1P
Broadband Amplifier
HE575A BOWEI-HE575A Datasheet
62Kb / 1P
Broadband Amplifier
HE861 BOWEI-HE861 Datasheet
106Kb / 1P
Broadband Amplifier
HE871 BOWEI-HE871 Datasheet
105Kb / 1P
Broadband Amplifier
logo
Skyworks Solutions Inc.
SKY65099-360LF SKYWORKS-SKY65099-360LF Datasheet
558Kb / 13P
700 to 2700 MHz Broadband Linear Amplifier Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com