Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2322 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2322
Description  3V GENERAL PURPOSE AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2322 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2322 Datasheet HTML 1Page - RF Micro Devices RF2322 Datasheet HTML 2Page - RF Micro Devices RF2322 Datasheet HTML 3Page - RF Micro Devices RF2322 Datasheet HTML 4Page - RF Micro Devices RF2322 Datasheet HTML 5Page - RF Micro Devices RF2322 Datasheet HTML 6Page - RF Micro Devices RF2322 Datasheet HTML 7Page - RF Micro Devices RF2322 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image

4-99
4
Preliminary
   
    
    

    
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
      
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
1
2
3
5
4
RF OUT
VCC
GND
GND
RF IN
RF2322
     
• Broadband Gain Blocks
• Final PA for Low-Power Applications
• IF or RF Buffer Amplifiers
• Driver Stage for Power Amplifiers
• Oscillator Loop Amplifiers
The RF2322 is a general purpose, low-cost silicon ampli-
fier designed for operation from a 3V supply. The circuit
configuration with resistive feedback allows for broad-
band cascadable amplification. Capacitive compensation
extends the bandwidth of the amplifier and input stage
design optimizes noise figure. The device is uncondition-
ally stable and internally matched to 50
Ω. The only exter-
nal components required for specified performance are
bypass and DC blocking capacitors (as shown in applica-
tion schematic). The RF2322 is available in a very small
industry-standard SOT-23 5-lead surface mount package,
enabling compact designs which conserve board space.
• DC to >2000MHz Operation
• 2.7V to 3.3V Single Supply
• +3dBm Output IP3
• 19dB Gain at 900MHz
• 12dB Gain at 1900MHz
• High Isolation (38dB at 900MHz)
RF2322
3V General Purpose Amplifier
RF2322 PCBA
Fully Assembled Evaluation Board

Rev A2 990111
.071
.059
.020
.014
.118
.102
.083
.067
.010
.004
.051
.039
.004
.000
.008 MIN
.122
.106
1
   !" #


Similar Part No. - RF2322

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2320 RFMD-RF2320 Datasheet
181Kb / 10P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2320 RFMD-RF2320 Datasheet
260Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2320PCBA RFMD-RF2320PCBA Datasheet
181Kb / 10P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2320PCBA-41X RFMD-RF2320PCBA-41X Datasheet
260Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
RF2320 RFMD-RF2320_07 Datasheet
260Kb / 12P
LINEAR GENERAL PURPOSE AMPLIFIER
More results

Similar Description - RF2322

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2043 RFMD-RF2043 Datasheet
68Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2047 RFMD-RF2047 Datasheet
68Kb / 6P
GENERAL PURPOSE AMPLIFIER
RF2307 RFMD-RF2307 Datasheet
59Kb / 4P
GENERAL PURPOSE AMPLIFIER
RF2308 RFMD-RF2308 Datasheet
59Kb / 4P
GENERAL PURPOSE AMPLIFIER
RF2321 RFMD-RF2321 Datasheet
240Kb / 8P
3V GENERAL PURPOSE AMPLIFIER
RF2323 RFMD-RF2323 Datasheet
250Kb / 8P
3V GENERAL PURPOSE AMPLIFIER
RF2325 RFMD-RF2325 Datasheet
245Kb / 8P
3V GENERAL PURPOSE AMPLIFIER
RF2326 RFMD-RF2326 Datasheet
247Kb / 8P
3V GENERAL PURPOSE AMPLIFIER
RF3396 RFMD-RF3396 Datasheet
160Kb / 10P
GENERAL PURPOSE AMPLIFIER
logo
Qorvo, Inc
RF5110G QORVO-RF5110G Datasheet
2Mb / 16P
3V General Purpose/GSM Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com