Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1510-S-4-R3213-HB Datasheet(PDF) 3 Page - GSI Group, Inc.

Part # M1510-S-4-R3213-HB
Description  Mercury TM1500 Digital Output Encoder Systems Factory Set Resolution to 0.50關m
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROESYS [GSI Group, Inc.]
Direct Link  http://www.microesys.com/index.html
Logo MICROESYS - GSI Group, Inc.

M1510-S-4-R3213-HB Datasheet(HTML) 3 Page - GSI Group, Inc.

  M1510-S-4-R3213-HB Datasheet HTML 1Page - GSI Group, Inc. M1510-S-4-R3213-HB Datasheet HTML 2Page - GSI Group, Inc. M1510-S-4-R3213-HB Datasheet HTML 3Page - GSI Group, Inc. M1510-S-4-R3213-HB Datasheet HTML 4Page - GSI Group, Inc. M1510-S-4-R3213-HB Datasheet HTML 5Page - GSI Group, Inc. M1510-S-4-R3213-HB Datasheet HTML 6Page - GSI Group, Inc. M1510-S-4-R3213-HB Datasheet HTML 7Page - GSI Group, Inc. M1510-S-4-R3213-HB Datasheet HTML 8Page - GSI Group, Inc. M1510-S-4-R3213-HB Datasheet HTML 9Page - GSI Group, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Broader Alignment Tolerances,
Increased Standoff Clearance, Smallest Sensor and More
Why Mercury Encoders Make It Easier To Design High Performance Into Your Equipment
Page 3 of 9
Eliminate the Frustration of Touchy
Encoder Alignment
Mercury Solves this Problem for Good
Fussy alignment is no longer a concern. With Mercury’s
patented PurePrecision™ optics, advanced SmartPrecision™
electronics and LED alignment indicators, you can push the
sensor against your reference surface, tighten the screws and
you’re finished. Try that with brand X or Y.
This performance is possible thanks to relaxed alignment
tolerances, particularly in the theta Z axis. Mercury offers a
± 2° sweet spot– that’s a 300% improvement over the best
competitive encoder. And that will result in dramatic savings
in manufacturing costs.
No other commercially available encoder is easier to align,
easier to use, or easier to integrate into your designs.
Alignment Tolerance Comparison**
Mercury*
Brand X
Brand Y
Mercury vs. Best Competitor
Z Standoff
± 0.15mm
± 0.1mm
± 0.1mm
Mercury is 50% better
Y
± 0.20mm for linear
± 0.1mm
unspecified
Mercury is 100% better
± 0.10mm for rotary 19mm dia.
theta X
± 1.0°
unspecified
± 1.0°
theta Y
± 2.0°
± 0.1°
± 1.0°
Mercury is 100% better
theta Z
± 2.0°
± 0.006°
± 0.5°
Mercury is 300% better
*Measured at a constant temperature for one axis at a time with all other axes at their ideal positions.
**Based on published specifications
>_
Mercury Can Reduce System Size and Cost
Mercury’s sensor height is 44% shorter than competitive encoders,
making it easy to fit into your design. This reduction can also cut total
system weight and cost by allowing the use of smaller motors and
stages. Safe system operation is also enhanced thanks to Mercury’s
generous standoff clearance– 200% greater than other encoders.
And its standoff tolerance is 50% greater than the best alternative.
This significantly relaxes mechanical system tolerances,
while reducing system costs.
B
Brra
an
nd
d Y
Y
B
Brra
an
nd
d X
X
M
Me
errc
cu
urryy
± 2°
± 0.5°
± 0.006°
T
Th
he
etta
a Z
Z A
Alliig
gn
nm
me
en
ntt T
To
olle
erra
an
nc
ce
e
Mechanical Dimension Comparison**
Mercury Brand X Brand Y Mercury vs.
Best Competitor
Sensor Z height
8.4mm
23mm
15mm
44% better
Standoff clearance
2.4mm
0.5mm
0.8mm
200% better
Standoff tolerance
± 0.15mm ± 0.1mm ± 0.1mm
50% better
System height
11.7mm
28.5mm 15.8mm
26% better
**Based on published specifications
* Dimensions shown illustrate encoder system standoff clearance; see Mercury
Encoder Interface Drawings for correct design reference surfaces.
B
Brra
an
nd
d X
X
B
Brra
an
nd
d Y
Y
M
Me
errc
cu
urryy
S
Stta
an
nd
do
offff C
Clle
ea
arra
an
nc
ce
e
2.4mm*
± 0.15mm
0.8mm
± 0.1mm
0.5mm
± 0.1mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com