Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1510-S-4-R3213-HB Datasheet(PDF) 6 Page - GSI Group, Inc.

Part # M1510-S-4-R3213-HB
Description  Mercury TM1500 Digital Output Encoder Systems Factory Set Resolution to 0.50關m
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROESYS [GSI Group, Inc.]
Direct Link  http://www.microesys.com/index.html
Logo MICROESYS - GSI Group, Inc.

M1510-S-4-R3213-HB Datasheet(HTML) 6 Page - GSI Group, Inc.

  M1510-S-4-R3213-HB Datasheet HTML 1Page - GSI Group, Inc. M1510-S-4-R3213-HB Datasheet HTML 2Page - GSI Group, Inc. M1510-S-4-R3213-HB Datasheet HTML 3Page - GSI Group, Inc. M1510-S-4-R3213-HB Datasheet HTML 4Page - GSI Group, Inc. M1510-S-4-R3213-HB Datasheet HTML 5Page - GSI Group, Inc. M1510-S-4-R3213-HB Datasheet HTML 6Page - GSI Group, Inc. M1510-S-4-R3213-HB Datasheet HTML 7Page - GSI Group, Inc. M1510-S-4-R3213-HB Datasheet HTML 8Page - GSI Group, Inc. M1510-S-4-R3213-HB Datasheet HTML 9Page - GSI Group, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
or 78.7 [2000] ±.50 [12.7]
19.7 [500] or 39.4 [1000]
52.0
2.05
.142 [3.61]
CABLE DIAMETER
1.47
.058
4.22
.166
6.91
.272
0.94
.037
3.4
.13
15.7
.62
SENSOR MTG SURFACE
A
2.03
.080
16.5
.650
2.11
.083
3.94
.155
8.5
.334
12.70
.500
10.29
.405
20.57
.810
THRU.
2X
2.69
.106
8.75
.345
6.2
.24
B
C
PIN 1
PIN 8
PIN 9
PIN 15
Mechanical Information -
Sensor with Standard D-sub Connector
All Specifications are subject to change. All data is accurate to the best of our knowledge.
MicroE Systems is not responsible for errors.
20µm Typical
5VDC
Mercury 1500S Outputs
15-pin Standard Male D-sub connector
PIN
FUNCTION
1
Reserved - do not connect
2
Reserved - do not connect
3
Reserved - do not connect
4
A - quadrature
5
A + quadrature
6
Reserved - do not connect
7
Sine+***
8
Cosine+***
9
B- quadrature
10
B+ quadrature
11
Reserved - do not connect
12
+5VDC
13
Ground
14
Index Window+
15
Index Window-
Index Window
Pin 14 on M1500S and
pin 6 on M1500H
*** Analog outputs are for sensor alignment only and
are nominally 0.85VPP with 1.7V offset.
Page 6 of 9
9.7
.38
8.1
.32
.40 [10.2]
6.4
.25
HEX SHAPED
ALUMINUM SLEEVE
(MAX OD .20 [5.1])
.142 [3.61]
CABLE DIAMETER
1.47
.058
4.22
.166
6.91
.272
3.4
.13
1.66 [42.2]
or 78.7 [2000] ±.50 [12.7]
19.7 [500] or 39.4 [1000]
A
SENSOR MTG SURFACE
A
8.75
.345
2.03
.080
16.5
.650
2.11
.083
3.93
.155
12.70
.500
8.5
.334
THRU.
2X
2.69
.106
10.29
.405
20.57
.810
6.2
.24
B
C
DETAIL A
SCALE: 3:1
PIN 1
PIN 9
PIN 10
PIN 2
KEYWAY
Mechanical Information -
Sensor with Micro-connector
Note: See user manual for guidelines on
cable strain relief and grounding.
Mercury 1500H Outputs
Micro-connector (Female 5 x 2 Header)
PIN
FUNCTION
1
Sine+***
2
Index Window -
3
Cosine+***
4
Ground
5
A + quadrature**
6
Index Window +
7
A - quadrature**
8
+5VDC
9
B+ quadrature**
10
B- quadrature**
**Compatible with RS-422 receiver
*** Analog outputs are for sensor alignment only
and are nominally 0.85VPP with 1.7V offset.
39.4 [1000] or 78.7 [2000] or
196.9 [5000] ± .50 [12.7]
39.4 [1000] or 78.7 [2000] or
196.9 [5000] ± .50 [12.7]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com