Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1510-S-4-R3213-HB Datasheet(PDF) 7 Page - GSI Group, Inc.

Part # M1510-S-4-R3213-HB
Description  Mercury TM1500 Digital Output Encoder Systems Factory Set Resolution to 0.50關m
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROESYS [GSI Group, Inc.]
Direct Link  http://www.microesys.com/index.html
Logo MICROESYS - GSI Group, Inc.

M1510-S-4-R3213-HB Datasheet(HTML) 7 Page - GSI Group, Inc.

  M1510-S-4-R3213-HB Datasheet HTML 1Page - GSI Group, Inc. M1510-S-4-R3213-HB Datasheet HTML 2Page - GSI Group, Inc. M1510-S-4-R3213-HB Datasheet HTML 3Page - GSI Group, Inc. M1510-S-4-R3213-HB Datasheet HTML 4Page - GSI Group, Inc. M1510-S-4-R3213-HB Datasheet HTML 5Page - GSI Group, Inc. M1510-S-4-R3213-HB Datasheet HTML 6Page - GSI Group, Inc. M1510-S-4-R3213-HB Datasheet HTML 7Page - GSI Group, Inc. M1510-S-4-R3213-HB Datasheet HTML 8Page - GSI Group, Inc. M1510-S-4-R3213-HB Datasheet HTML 9Page - GSI Group, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Page 7 of 9
All Specifications are subject to change. All data is accurate to the best of our knowledge.
MicroE Systems is not responsible for errors.
MicroE Systems offers a wide array of chrome on glass scales for the highest accuracy and best thermal stability. Easy to install, standard
linear and rotary scales meet most application requirements. Customized linear, rotary, and rotary segment scales are available where need-
ed. All scales include an optical index. Mercury's glass scales save time by eliminating motion system calibrations or linearity corrections
required by other encoders, and provide better thermal stability than metal tape scales.
Options include:
•
Standard linear: 18mm - 2m
•
Standard rotary: 12mm - 107.95mm diameter, with or without hubs
•
Custom linear*: special lengths, widths, thickness, index mark locations and special low CTE materials
•
Custom rotary*: special ID's, OD's (up to 304.8mm), index mark outside the main track and special low CTE materials
•
Mounting of hubs for rotary scales: MicroE Systems can mount and align standard, custom, or customer-supplied hubs
•
Rotary segments*: any angle range; wide range of radius values
*Custom scales or rotary segments are available in OEM quantities. Contact your local MicroE Systems sales office.
Specifications
Accuracy
±5 µm <1m
±5 µm/m >1m
Material
Soda lime glass
Typical CTE
8ppm/°C
Index
Center or End
Specifications
Accuracy
±3µm standard
±1µm available
Material
Soda lime glass
Typical CTE
8ppm/°C
Index
Center or End
Standard Long Linear Scales
155mm and Longer
Key: inches[mm]
Standard Short Linear Scales
130mm and Shorter
Key: inches[mm]
Measured Length
is always 5 mm less
then total length
0.098 [2.5]
0.787 [20.00]
Center Index
End Index
Scale Length
Model
L18
L30
L55
L80
L105
L130
Scale Length
0.709 [18]
1.181 [30]
2.165 [55]
3.150 [80]
4.134 [105]
5.118 [130]
Measured Length
0.512 [13]
0.984 [25]
1.969 [50]
2.953 [75]
3.937 [100]
4.921 [125]
Measured Length
is always 5 mm less
then total length
Scale Length
Center Index
0.250 [6.35]
0.036 [0.9]
End Index
Model
L155
L225
L325
L425
L525
L1025
L2025
Scale length
6.102 [155]
8.858 [225]
12.795 [325]
16.732 [425]
20.669 [525]
40.354 [1025] 79.724 [2025]
Measured length
5.906 [150]
8.661 [220]
12.598 [320]
16.535 [420]
20.472 [520]
40.157 [1020] 79.528 [2020]
Scale Specifications
Standard and Customized Scales
Custom scales available
Custom scales available



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com