Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2425 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF2425
Description  4-PORT TRANSFER SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2425 Datasheet(HTML) 2 Page - RF Micro Devices

  RF2425 Datasheet HTML 1Page - RF Micro Devices RF2425 Datasheet HTML 2Page - RF Micro Devices RF2425 Datasheet HTML 3Page - RF Micro Devices RF2425 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
9-20
RF2425
Rev A1 010228
9
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
0 to +8.0
VDC
Control Voltage
-1.0 to +6.0
VDC
Input RF Power
+33
dBm
Operating Ambient Temperature
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Overall
T=25 °C, VDD=3.0V, Freq=900MHz
Frequency Range
DC to 2000
MHz
Insertion Loss
0.5
1
dB
Isolation
20
24
dB
CTRL= “Low;” IN1 to OUT2 crosstalk
20
24
dB
CTRL= “High;” IN2 to OUT1 crosstalk
“On” Input VSWR
1:1
Input of active channel
“Off” Input VSWR
100:1
Input of inactive channel (open circuit)
Output P1dB
+31
dBm
Control Logic
CTRL Logic “Low” Voltage
0
V
Channel 1 On, Channel 2 Off
CTRL Logic “High” Voltage
0.7
V
Channel 2 On, Channel 1 Off
Power Supply
Voltage
3
V
Specifications
1.5 to 6
V
Operating Limits
Current
1
2
mA
CTRL= “Low”
2
2.5
mA
CTRL= “High”
Caution! ESD sensitive device.
RF Micro Devices believes the furnished information is correct and accurate
at the time of this printing. However, RF Micro Devices reserves the right to
make changes to its products without notice. RF Micro Devices does not
assume responsibility for the use of the described product(s).



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com