Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2425 Datasheet (PDF) - RF Micro Devices

RF2425 Datasheet PDF - RF Micro Devices
Part # RF2425
Download  RF2425 Download
File Size   57.58 Kbytes
Page   4 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 4-PORT TRANSFER SWITCH

RF2425 Datasheet (PDF)

Go To PDF Page Download Datasheet
RF2425 Datasheet PDF - RF Micro Devices

Part # RF2425
Download  RF2425 Click to download

File Size   57.58 Kbytes
Page   4 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 4-PORT TRANSFER SWITCH

RF2425 Datasheet (HTML) - RF Micro Devices


RF2425 Product details

Product Description
The RF2425 is a very low-cost single-throw, double-pole GaAs MESFET switch. There are two bidirectional input/output channels which can be turned off or on by a single logic control line. Two of the ports may be tied together externally to make a transmit/receive switch. The device can handle power levels as high as +32dBm and spans a frequency range from DC to 2000MHz. The switch will operate from power supply voltages as low as 1.5V and as high as 6V with a CMOS logic driver for the control input.

Features
• Single Power Supply of 1.5V to 6.0V
• Low Current Consumption
• 0.5dB Insertion Loss at 900MHz
• 24dB Crosstalk Isolation at 900MHz
• +31dBm Output P1dB

Typical Applications
• Cordless Phones
• Wireless Computer Peripherals
• Wireless Security Systems
• General Purpose RF Switching
• Commercial and Consumer Systems




Similar Part No. - RF2425

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2420 RFMD-RF2420 Datasheet
61Kb / 6P
PROGRAMMABLE ATTENUATOR
RF2420PCBA RFMD-RF2420PCBA Datasheet
61Kb / 6P
PROGRAMMABLE ATTENUATOR
RF2421 RFMD-RF2421 Datasheet
40Kb / 4P
10dB SWITCHED ATTENUATOR
RF2421PCBA RFMD-RF2421PCBA Datasheet
40Kb / 4P
10dB SWITCHED ATTENUATOR
RF2422 RFMD-RF2422 Datasheet
68Kb / 6P
2.5GHZ DIRECT QUADRATURE MODULATOR
More results


Similar Description - RF2425

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100C0347 DAICO-100C0347 Datasheet
118Kb / 1P
Transfer Switch
DSWT2180 DAICO-DSWT2180 Datasheet
148Kb / 1P
Transfer Switch
logo
M/A-COM Technology Solu...
SW-283-PIN MA-COM-SW-283-PIN Datasheet
64Kb / 4P
GaAs Transfer Switch, GaAs Transfer Switch,
logo
Pasternack Enterprises,...
PE71S6172 PASTERNACK-PE71S6172 Datasheet
458Kb / 6P
Transfer Switch
PE71S6173 PASTERNACK-PE71S6173 Datasheet
466Kb / 6P
Transfer Switch
PE71S6178 PASTERNACK-PE71S6178 Datasheet
452Kb / 6P
Transfer Switch
PE71S6179 PASTERNACK-PE71S6179 Datasheet
452Kb / 6P
Transfer Switch
PE71S6202 PASTERNACK-PE71S6202 Datasheet
446Kb / 6P
Transfer Switch
PE71S6203 PASTERNACK-PE71S6203 Datasheet
448Kb / 6P
Transfer Switch
logo
Mini-Circuits
MTS-18-12B MINI-MTS-18-12B Datasheet
327Kb / 2P
Transfer Switch
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com