Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2425 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2425
Description  4-PORT TRANSFER SWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2425 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2425 Datasheet HTML 1Page - RF Micro Devices RF2425 Datasheet HTML 2Page - RF Micro Devices RF2425 Datasheet HTML 3Page - RF Micro Devices RF2425 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
9-19
9
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
ü
SiGe HBT
Si CMOS
1
2
3
4
8
7
6
5
IN1
GND
VDD
OUT2
OUT1
GND
CTRL
IN2
RF2425
4-PORT TRANSFER SWITCH
• Cordless Phones
• Wireless Computer Peripherals
• Wireless Security Systems
• General Purpose RF Switching
• Commercial and Consumer Systems
The RF2425 is a very low-cost single-throw, double-pole
GaAs MESFET switch. There are two bidirectional input/
output channels which can be turned off or on by a single
logic control line. Two of the ports may be tied together
externally to make a transmit/receive switch. The device
can handle power levels as high as +32 dBm and spans a
frequency range from DC to 2000MHz. The switch will
operate from power supply voltages as low as 1.5 V and
as high as 6V with a CMOS logic driver for the control
input.
• Single Power Supply of 1.5V to 6.0V
• Low Current Consumption
• 0.5dB Insertion Loss at 900MHz
• 24dB Crosstalk Isolation at 900MHz
• +31dBm Output P1dB
RF2425
4-Port Transfer Switch
RF2425 PCBA
Fully Assembled Evaluation Board
9
Rev A1 010228
.156
.152
.022
.018
.056
.052
.195
.191
.240
.232
.050
.008
.004
MIN
.017
1
Package Style: SOP-8


Similar Part No. - RF2425

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2420 RFMD-RF2420 Datasheet
61Kb / 6P
PROGRAMMABLE ATTENUATOR
RF2420PCBA RFMD-RF2420PCBA Datasheet
61Kb / 6P
PROGRAMMABLE ATTENUATOR
RF2421 RFMD-RF2421 Datasheet
40Kb / 4P
10dB SWITCHED ATTENUATOR
RF2421PCBA RFMD-RF2421PCBA Datasheet
40Kb / 4P
10dB SWITCHED ATTENUATOR
RF2422 RFMD-RF2422 Datasheet
68Kb / 6P
2.5GHZ DIRECT QUADRATURE MODULATOR
More results

Similar Description - RF2425

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
100C0347 DAICO-100C0347 Datasheet
118Kb / 1P
Transfer Switch
DSWT2180 DAICO-DSWT2180 Datasheet
148Kb / 1P
Transfer Switch
logo
M/A-COM Technology Solu...
SW-283-PIN MA-COM-SW-283-PIN Datasheet
64Kb / 4P
GaAs Transfer Switch, GaAs Transfer Switch,
logo
Pasternack Enterprises,...
PE71S6172 PASTERNACK-PE71S6172 Datasheet
458Kb / 6P
Transfer Switch
PE71S6173 PASTERNACK-PE71S6173 Datasheet
466Kb / 6P
Transfer Switch
PE71S6178 PASTERNACK-PE71S6178 Datasheet
452Kb / 6P
Transfer Switch
PE71S6179 PASTERNACK-PE71S6179 Datasheet
452Kb / 6P
Transfer Switch
PE71S6202 PASTERNACK-PE71S6202 Datasheet
446Kb / 6P
Transfer Switch
PE71S6203 PASTERNACK-PE71S6203 Datasheet
448Kb / 6P
Transfer Switch
logo
Mini-Circuits
MTS-18-12B MINI-MTS-18-12B Datasheet
327Kb / 2P
Transfer Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com