Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2516 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF2516
Description  VHF/UHF TRANSMITTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2516 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF2516 Datasheet HTML 9Page - RF Micro Devices RF2516 Datasheet HTML 10Page - RF Micro Devices RF2516 Datasheet HTML 11Page - RF Micro Devices RF2516 Datasheet HTML 12Page - RF Micro Devices RF2516 Datasheet HTML 13Page - RF Micro Devices RF2516 Datasheet HTML 14Page - RF Micro Devices RF2516 Datasheet HTML 15Page - RF Micro Devices RF2516 Datasheet HTML 16Page - RF Micro Devices RF2516 Datasheet HTML 17Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Preliminary
11-47
RF2516
Rev A10 010613
11
Application Schematic
315MHz
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
68 pF
9.83 M H z
33pF
OS C B
OS C E
GN D
TX O U T
G ND1
V CC1
MO D IN
DIV C T R L
LD F LT
LO O P F LT
RE S N T R +
RE S N T R -
VR EFP
G ND2
VC C 2
50
Ωµstrip
4p F
50
Ωµstrip
56 n H
16 k
Ω
J1
TX O U T
220 pF
10
Ω
TX V C C
100 pF
S1
CAS-1 2 0 B
10
Ω
82 nH
82 nH
2k
Ω
10 n F
4.3 k
Ω
2.2 nF
1n F
PD
D1
S M V1249-011
150 k
Ω
A UDIO
V
CC
V
CC
R F 2516 A u d io T ransm itter
V
CC
V
CC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com