Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2516 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2516
Description  VHF/UHF TRANSMITTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2516 Datasheet(HTML) 1 Page - RF Micro Devices

  RF2516 Datasheet HTML 1Page - RF Micro Devices RF2516 Datasheet HTML 2Page - RF Micro Devices RF2516 Datasheet HTML 3Page - RF Micro Devices RF2516 Datasheet HTML 4Page - RF Micro Devices RF2516 Datasheet HTML 5Page - RF Micro Devices RF2516 Datasheet HTML 6Page - RF Micro Devices RF2516 Datasheet HTML 7Page - RF Micro Devices RF2516 Datasheet HTML 8Page - RF Micro Devices RF2516 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
11-35
11
Preliminary
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7625 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
ü
SiGe HBT
Si CMOS
Prescaler
32/64
Phase
Detector &
Charge Pump
Lock
Detect
14
16
DC
Bias
5
TX OUT
2
1
15
8
13
12
3PD
RF2516
VHF/UHF TRANSMITTER
• 315/433MHz Band Systems
• Local Oscillator Source
• Part 15.231 Applications
• Remote Keyless Entry
• Wireless Security Systems
• AM/ASK/OOK Transmitter
The RF2516 is a monolithic integrated circuit intended for
use as a low-cost AM/ASK transmitter. The device is pro-
vided in a 16-pin QSOP-16 package and is designed to
provide a phased locked frequency source for use in local
oscillator or transmitter applications. The chip can be
used in applications in the North American and European
VHF/UHF bands. The integrated VCO, phase detector,
prescaler, and reference oscillator transistor require only
the addition of an external crystal to provide a complete
phase-locked loop. In addition to the standard power-
down mode, the chip also includes an automatic lock-
detect feature that disables the transmitter output when
the PLL is out-of-lock.
• Fully Integrated PLL Circuit
• Integrated VCO and Reference Oscillator
• 2.0V to 3.6V Supply Voltage
• Low Current and Power Down Capability
• 100MHz to 500MHz Frequency Range
• Out-of-Lock Inhibit Circuit
RF2516
VHF/UHF Transmitter
RF2516 PCBA
Fully Assembled Evaluation Board
11
Rev A10 010613
0.157
0.150
0.196
0.189
0.2440
0.2284
0.0688
0.0532
0.050
0.016
0.0098
0.0075
8° MAX
0°MIN
NOTES:
1. Shaded lead is Pin 1.
2. All dimensions are excluding mold flash.
3. Lead coplanarity - 0.005 with respect to datum "A".
0.012
0.008
0.025
-A-
0.0098
0.0040
Package Style: QSOP-16


Similar Part No. - RF2516

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2516 RFMD-RF2516 Datasheet
272Kb / 22P
VHF/UHF TRANSMIITER
RF2516 RFMD-RF2516 Datasheet
451Kb / 22P
VHF/UHF TRANSMIITER
RF2516PCBA-410 RFMD-RF2516PCBA-410 Datasheet
272Kb / 22P
VHF/UHF TRANSMIITER
RF2516PCBA-410 RFMD-RF2516PCBA-410 Datasheet
451Kb / 22P
VHF/UHF TRANSMIITER
RF2516 RFMD-RF2516_06 Datasheet
272Kb / 22P
VHF/UHF TRANSMIITER
More results

Similar Description - RF2516

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2510 RFMD-RF2510 Datasheet
284Kb / 10P
VHF/UHF TRANSMITTER
RF2512 RFMD-RF2512 Datasheet
313Kb / 14P
UHF TRANSMITTER
RF2513 RFMD-RF2513 Datasheet
321Kb / 14P
UHF TRANSMITTER
RF2514 RFMD-RF2514 Datasheet
268Kb / 14P
VHF/UHF TRANSMITTER
logo
List of Unclassifed Man...
TX4915 ETC-TX4915 Datasheet
234Kb / 9P
TX4915 VHF/UHF TRANSMITTER
USP10 ETC1-USP10 Datasheet
46Kb / 1P
VHF/UHF TRANSISTOR
logo
RF Micro Devices
RF2514 RFMD-RF2514_06 Datasheet
285Kb / 14P
VHF/UHF TRANSMITTER
RF2514 RFMD-RF2514_1 Datasheet
447Kb / 18P
VHF/UHF TRANSMITTER
logo
Diodes Incorporated
ZUMT918TA DIODES-ZUMT918TA Datasheet
25Kb / 1P
VHF/UHF TRANSISTOR
DECEMBER 1998
logo
Leshan Radio Company
LMBTH10QLT1G LRC-LMBTH10QLT1G_15 Datasheet
230Kb / 5P
VHF/UHF Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com