Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2516 Datasheet(PDF) 16 Page - RF Micro Devices

Part # RF2516
Description  VHF/UHF TRANSMITTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2516 Datasheet(HTML) 16 Page - RF Micro Devices

Back Button RF2516 Datasheet HTML 12Page - RF Micro Devices RF2516 Datasheet HTML 13Page - RF Micro Devices RF2516 Datasheet HTML 14Page - RF Micro Devices RF2516 Datasheet HTML 15Page - RF Micro Devices RF2516 Datasheet HTML 16Page - RF Micro Devices RF2516 Datasheet HTML 17Page - RF Micro Devices RF2516 Datasheet HTML 18Page - RF Micro Devices RF2516 Datasheet HTML 19Page - RF Micro Devices RF2516 Datasheet HTML 20Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Preliminary
11-50
RF2516
Rev A10 010613
11
Evaluation Board Schematic
433MHz
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
C2
68 pF
X1
13.57734 MHz
PWR DWN
R2
4.3k
Ω
C7
220 pF
C9
220 pF
C10
10 nF
VCC
C12
220 pF
DIV CTRL
C11
10 nF
C1
33pF
C6
1nF
C8
2.2 nF
L2
39 nH
R4
2k
Ω
R3
10
Ω
C13
10 nF
*Not populated on standard Evaluation Board.
C17*
OSC B
OSC E
GND
TX OUT
GND1
VCC1
MOD IN
DIV CTRL
LD FLT
LOOP FLT
RESNTR+
RESNTR-
VREFP
GND2
VCC2
50
Ωµstrip
C3
4pF
50
Ωµstrip
L4
68 nH
C15
2pF
50
Ωµstrip
C14
15 pF
L3
10 nH
C16
15 pF
L5
10 nH
L6
22 nH
C18
220 pF
C19
10 nF
VCC
C5
220 pF
C4
10 nF
R1
10
Ω
VCC
R5
3k
Ω
C20
10 nF
L1
39 nH
J1
TX OUT
J2
MOD IN
P1
1
2
3
CON3
VCC
NC
GND
P2
1
2
3
CON3
DIV CTRL
GND
PWR DWN
PD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com