Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2689 Datasheet(PDF) 16 Page - RF Micro Devices

Part # RF2689
Description  W-CDMA/GSM/DCS RECEIVE AGC AND DEMODULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2689 Datasheet(HTML) 16 Page - RF Micro Devices

Back Button RF2689 Datasheet HTML 12Page - RF Micro Devices RF2689 Datasheet HTML 13Page - RF Micro Devices RF2689 Datasheet HTML 14Page - RF Micro Devices RF2689 Datasheet HTML 15Page - RF Micro Devices RF2689 Datasheet HTML 16Page - RF Micro Devices RF2689 Datasheet HTML 17Page - RF Micro Devices RF2689 Datasheet HTML 18Page - RF Micro Devices RF2689 Datasheet HTML 19Page - RF Micro Devices RF2689 Datasheet HTML 20Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Preliminary
7-54
RF2689
Rev A4 010815
7
Voltage Gain versus VGC (W-CDMA, Temp +25
oC, -40oC,
+85
oC)
(IF=190MHz, LO=1520MHz @ -10dBm, VCC=2.7V, VGC=2.4V to
0.3V)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.20.4
0.6
0.8
1.01.2
1.41.6
1.82.0
2.22.4
VGC (V)
Gain @2.7V,Temp.+25C
Gain @2.7V,Temp.- 40C
Gain @2.7V,Temp.+85C
Voltage Gain versus VGC (W-CDMA, Temp. +25
oC, -40oC, +85oC)
(IF=190MHz, LO=1520MHz @ -10dBm, VCC=3.0V, VGC=2.4V to 0.3V)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.20.4
0.6
0.8
1.01.2
1.41.6
1.82.0
2.22.4
VGC (V)
Gain @3.0V,Temp +25C
Gain @3.0V,Temp.- 40C
Gain @3.0V,Temp.+85C
Voltage Gain versus VGC (W-CDMA)
(IF=190MHz, LO=1520MHz @ -10dBm,
VCC=3.3V, VGC=2.4V to 0.3V, Temp=-25
oC, -40oC, +85oC)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
VGC (V)
Gain @3.3V,Temp.25C
Gain @3.3V,Temp.- 40C
Gain @3.3V,Temp.+85C
Voltage Gian versus VGC (GSM, Temp=+25
oC, -
40
oC,+85oC) (IF=225MHz, LO=1080MHz, V
CC=3.0V, VGC=2.4V to 0.3V)
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
100.0
0.20.4
0.60.8
1.01.2
1.41.6
1.82.0
2.22.4
VGC (V)
Gain @3.0V,Temp.+25C
Gain @3.0V,Temp.- 40C
Gain @3.0V,Temp.+85C
Voltage Gain versus VGC (GSM, Temp. +25
oC, -40oC, +85oC)
(IF=225.05MHz, LO=1080MHz @ -10dBm, VCC=2.7V, VGC=2.4V to 0.3V)
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
100.0
0.20.4
0.60.8
1.01.2
1.41.6
1.82.0
2.22.4
VGC (V)
Gain @2.7V,Temp.+25C
Gain @2.7V,Temp.- 40C
Gain @2.7V,Temp.+85C
Voltage Gain versus VGC (GSM, Temp. +25
oC, -40oC, +85oC)
(IF=225.05MHz, LO=1080MHz @ -10dBm, VCC=3.3V, VGC=2.4V to 0.3V)
-40.0
-20.0
0.0
20.0
40.0
60.0
80.0
100.0
0.20.4
0.60.8
1.01.2
1.41.6
1.82.0
2.22.4
VGC (V)
Gain @3.3V,Temp.+25C
Gain @3.3V,Temp - 40C
Gain @3.3V,Temp.+85C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com