Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2689 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF2689
Description  W-CDMA/GSM/DCS RECEIVE AGC AND DEMODULATOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2689 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF2689 Datasheet HTML 7Page - RF Micro Devices RF2689 Datasheet HTML 8Page - RF Micro Devices RF2689 Datasheet HTML 9Page - RF Micro Devices RF2689 Datasheet HTML 10Page - RF Micro Devices RF2689 Datasheet HTML 11Page - RF Micro Devices RF2689 Datasheet HTML 12Page - RF Micro Devices RF2689 Datasheet HTML 13Page - RF Micro Devices RF2689 Datasheet HTML 14Page - RF Micro Devices RF2689 Datasheet HTML 15Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Preliminary
7-49
RF2689
Rev A4 010815
7
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
Drawing 2689400 Rev -
19
18
17
16
14
13
12
10
9
8
7
5
4
3
2
1
*
*
*
*
20
6
11
15
C5
100 pF
R6
680
Ω
L1
68 nH
C1
6pF
C3*
DNI
50
Ωµstrip
J1
GSM
R1
10 k
Ω
VGC
C2
5.1 pF
C4*
DNI
50
Ωµstrip
J2
WCDMA
C6
100 pF
R7
680
Ω
L2
150 nH
C10
10 nF
VCC
MODEA
MODEB
C23*
DNI
C20
100 pF
C24*
DNI
50
Ωµstrip
J4
LO IN
ENRX
TP7
QOUT N
TP6
QOUT P
TP5
IOUT N
TP4
IOUT P
R12*
DNI
C12
100 nF
R2
10 k
Ω
C13
100 nF
R3
10 k
Ω
R14
20 k
Ω
3
2
+
-
C14
100 nF
+5V
7
4
8
5
U2
R15
20 k
Ω
6
CLC426
R18
51
Ω
50
Ωµstrip
J5
IOUT
C15
100 nF
-5V
R13*
DNI
C18
100 nF
R4
10 k
Ω
C19
100 nF
R5
10 k
Ω
R16
20 k
Ω
3
2
+
-
C16
100 nF
+5V
7
4
8
5
U3
R17
20 k
Ω
6
CLC426
R19
51
Ω
50
Ωµstrip
J6
QOUT
C17
100 nF
-5V
ENCAL
C9
100 pF
C8
1nF
TP1
VREF2V
TP2
IFP
TP3
IFN
C11
10 pF
J3
FCLK
CON3
JP3
+5V
-5V
1
2
3
C21
1uF(16V)
+
C22
1uF(16V)
+
HDR 8
8
7
6
5
4
3
2
1
JP1
ENRX
ENCAL
MODEA
MODEB
VCC
VGC
C7
1uF
+
R11
1M
R10
1M
R9
1M
R8
1M
Note: Parts with * following reference designator should not be populated on evaluation board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com