Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2938 Datasheet(PDF) 12 Page - RF Micro Devices

Part # RF2938
Description  2.4GHZ SPREAD-SPECTRUM TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2938 Datasheet(HTML) 12 Page - RF Micro Devices

Back Button RF2938 Datasheet HTML 8Page - RF Micro Devices RF2938 Datasheet HTML 9Page - RF Micro Devices RF2938 Datasheet HTML 10Page - RF Micro Devices RF2938 Datasheet HTML 11Page - RF Micro Devices RF2938 Datasheet HTML 12Page - RF Micro Devices RF2938 Datasheet HTML 13Page - RF Micro Devices RF2938 Datasheet HTML 14Page - RF Micro Devices RF2938 Datasheet HTML 15Page - RF Micro Devices RF2938 Datasheet HTML 16Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
2-12
RF2938
Rev A8 010418
11
RX
15 dB G ain
IL = 3 -4 dB
2.4 to 2 .48 3 G H z
LN A
D u al G a in M o de s
-5 dB a nd + 10 dB
Gain
Sele ct
R F 2444
SSO P-16 EPP
Filter
2.4 to 2.4 83 GH z
SAW
IL = 10 dB m ax
RX
TX
15 dB
15 dB
IF A m p
-1 5d B to3 5d B G a in
DA T A Q
OU T Q
R SSI
DA T A I
OU T I
Filter
Filter
S elec tab le LP F
TX
Σ
I INP UT
Q INP UT
15 dB Gain
Ra ng e
+45°
-45 °
IL = 3 -4 d B
2.4 to 2.48 3 G H z
10 dBm
PA D riv er
R F 2938
TQ F P -4 8 EPP
VG C 1
VG C 2
Bas e Band Am p.
Active Selec tab le LP F
(f
C = 1 M H z to4 0M H z )
0-30 dB Gain
RF M icro D evices
2.4 G Hz ISM Chipset
23 dB m or 3 3 d B m
Ex tern al PA
R F 2126
IF
VC O
RF
VC O
R F 2517
SSO P -2 8
Du al
F req ue n cy
S ynthes iz e r
Dis cre te
Pin D io de
Β 2
Figure 1. Entire Chipset Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com