Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2938 Datasheet(PDF) 17 Page - RF Micro Devices

Part # RF2938
Description  2.4GHZ SPREAD-SPECTRUM TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2938 Datasheet(HTML) 17 Page - RF Micro Devices

Back Button RF2938 Datasheet HTML 12Page - RF Micro Devices RF2938 Datasheet HTML 13Page - RF Micro Devices RF2938 Datasheet HTML 14Page - RF Micro Devices RF2938 Datasheet HTML 15Page - RF Micro Devices RF2938 Datasheet HTML 16Page - RF Micro Devices RF2938 Datasheet HTML 17Page - RF Micro Devices RF2938 Datasheet HTML 18Page - RF Micro Devices RF2938 Datasheet HTML 19Page - RF Micro Devices RF2938 Datasheet HTML 20Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
2-17
RF2938
Rev A8 010418
11
IF-RF OP1dB versus VGC
(VCC=2.7V, Tx IF in=280Mhz, RF LO=2160MHz@-10dBm)
-10.5
-10.0
-9.5
-9.0
-8.5
-8.0
-7.5
-7.0
-6.5
-6.0
-5.5
-5.0
-4.5
-4.0
-3.5
0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5
VGC (VDC)
25C OP1dB
85C OP1dB
-40C OP1dB
IF-RF OP1dB versus VGC
(VCC=3.15V, Tx IF in=280MHz, RF LO=2160MHz@-10dBm)
-10.5
-10.0
-9.5
-9.0
-8.5
-8.0
-7.5
-7.0
-6.5
-6.0
-5.5
-5.0
-4.5
-4.0
-3.5
0.50.6 0.70.8 0.91.0 1.11.2 1.31.4 1.51.6 1.71.8 1.92.0 2.12.2 2.32.4 2.5
VGC (VDC)
25C OP1dB
85C OP1dB
-40C OP1dB
IF-RF OP1dB versus VGC
(VCC=3.6V, Tx IF in=280MHz, RF LO=2160MHz@-10dBm)
-10.0
-9.5
-9.0
-8.5
-8.0
-7.5
-7.0
-6.5
-6.0
-5.5
-5.0
-4.5
-4.0
-3.5
-3.0
0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 1.7 1.8 1.9 2.0 2.1 2.2 2.3 2.4 2.5
VGC (VDC)
25C OP1dB
85C OP1dB
-40C OP1dB
ICC versus RBW (Temp=Ambient, VCC=3.15V, GC TX=1.5V,
I & Q in=100mVP-P, IF LO=-10dBm)
60.0
70.0
80.0
90.0
100.0
110.0
120.0
130.0
140.0
150.0
160.0
170.0
180.0
190.0
200.0
210.0
1.0
10.0
100.0
1000.0
RBW [k
Ω]
Tx Icc
Rx Icc
Total Icc
RX 3dB BW versus RBW (Temp=Ambient, VCC=3.15V, VGC=1.6V,
RX IFIN =-67dBm, IF LO=560MHz@-10dBm)
0.0
5.0
10.0
15.0
20.0
25.0
30.0
1.0
10.0
100.0
1000.0
RBW [k
Ω]
TX 3dB BW point versus RBW (Broadband 50ΩΩΩΩ matchonIFout, Temp=Ambient,
VCC=3.15V, GCTX=1.5V, I & Qin=100mVP-P, IFLO=560MHz @-10dBm)
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
1.0
10.0
100.0
1000.0
RBW [k
Ω]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com