Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2968 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RF2968
Description  BLUETOOTHTM TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2968 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RF2968 Datasheet HTML 9Page - RF Micro Devices RF2968 Datasheet HTML 10Page - RF Micro Devices RF2968 Datasheet HTML 11Page - RF Micro Devices RF2968 Datasheet HTML 12Page - RF Micro Devices RF2968 Datasheet HTML 13Page - RF Micro Devices RF2968 Datasheet HTML 14Page - RF Micro Devices RF2968 Datasheet HTML 15Page - RF Micro Devices RF2968 Datasheet HTML 16Page - RF Micro Devices RF2968 Datasheet HTML 17Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Preliminary
11-129
RF2968
Rev A13 010912
11
In a read operation, the baseband sends the device address, READ bit (R/W = 1), and register address to the RF2968
followed by a “turn-around” bit which lasts half a clock cycle. This turn-around allows the RF2968 to drive its requested
data, via BDDATA, on the rising edges of BDCLK. Following the transfer of the last data bit (D[0]), the baseband drives
BnDEN high and resumes control of BDDATA on the falling edge of the first BDCLK pulse after BnDEN is driven high.
SeeFigure3.
Register Definition
The register address field allows up to 32 registers for various functions. The RF2968 implements only register
addresses 3-7 and 30-31.
Register 3 - IF Register 1 (Read-Only)
Bit Number
Bit Name
Comments
7 - 15
N/A
Not Assigned
0 -6
RSSI[6:0]
The RSSI value indicates the average power measured during the first 10
µs
after a packet has been detected. The baseband reads this register to obtain
the current received signal strength indicator measurement. The RSSI value
may range from 0dBm to -127dBm in 1dB increments. (All 0’s indicates
0dBm; all 1’s indicates -127dBm.) The RSSI circuitry is designed to operate
from -20dBm to -80dBm with an accuracy of 4dB at -60dBm.
Example: RSSI[6:0]= [110101] indicates -53dBm.
BDCLK
BnDEN
Slave Driving BDDATA
Master Driving BDDATA
...
...
D15
A6
A5
A3
A2
A1
A0
A7
A4
D1
D2
D0
A6
A7
BDDATA
don't
care
turn-around
turn-around
R/W = read = 1
D14
Floating
Floating
Figure 3. DBus Read Programming Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com