Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF2968 Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF2968
Description  BLUETOOTHTM TRANSCEIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2968 Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF2968 Datasheet HTML 7Page - RF Micro Devices RF2968 Datasheet HTML 8Page - RF Micro Devices RF2968 Datasheet HTML 9Page - RF Micro Devices RF2968 Datasheet HTML 10Page - RF Micro Devices RF2968 Datasheet HTML 11Page - RF Micro Devices RF2968 Datasheet HTML 12Page - RF Micro Devices RF2968 Datasheet HTML 13Page - RF Micro Devices RF2968 Datasheet HTML 14Page - RF Micro Devices RF2968 Datasheet HTML 15Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Preliminary
11-127
RF2968
Rev A13 010912
11
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
1
2
3
4
6
5
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
BXTLEN
BDATA1
RECCLK
RECDATA
C1*
22 nF
VCC
C3*
22 nF
LPO
R1
20 k
Ω
1%
C4*
22 nF
C6
2.7 nF
R2
22 k
Ω
C5
100 pF
BPKTCTL
BRCLK
C8
47 pF
Y1
13 MHz
C9*
22 nF
C11
330 pF
R4
20 k
Ω
C10
30 pF
L2
3.9 nH
C12
1
µF
R6
820
Ω
C13
1
µF
*Note: Required supply filtering may vary depending on implementation.
VCC
BnDEN
BDDATA
BDCLK
BnPWR
VCC
VCC
P1
CON20
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
BDCLK
BDDATA
BnDEN
BRCLK
VCC
BXTLEN
RECDATA
RECCLK
BPKTCTL
BnPWR
BDATA1
VCC
LPO
L1
3.9 nH
R5
43 k
Ω
R3
470 k
Ω
C7
47 pF
C2
22 nF
FL1
RX IN/TX OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com