Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3404PCBA Datasheet(PDF) 8 Page - RF Micro Devices

Part # RF3404PCBA
Description  DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3404PCBA Datasheet(HTML) 8 Page - RF Micro Devices

Back Button RF3404PCBA Datasheet HTML 4Page - RF Micro Devices RF3404PCBA Datasheet HTML 5Page - RF Micro Devices RF3404PCBA Datasheet HTML 6Page - RF Micro Devices RF3404PCBA Datasheet HTML 7Page - RF Micro Devices RF3404PCBA Datasheet HTML 8Page - RF Micro Devices RF3404PCBA Datasheet HTML 9Page - RF Micro Devices RF3404PCBA Datasheet HTML 10Page - RF Micro Devices RF3404PCBA Datasheet HTML 11Page - RF Micro Devices RF3404PCBA Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Preliminary
8-40
RF3404
Rev A1 010918
8
Outline Drawing
Pin
Function
Description
Interface Schematic
46
IP SET
Logic input. High selects maximum IIP3 mode.
47
GND
Low-inductance ground required.
48
VCC3
VCC connection for internal LO amplifiers. Internal RF bypass capaci-
tor. External bypass between 1nF and 47nF may be required.
IP SET
0.5000
1
8
9
12
15
22
23
28
29
34
35
38
39
44
45
48
30
31
24
27
26
25
24
43
16
11
46
CDMA IF+
CDMA IF-
BAND SEL
VCC4
FM IF+
FM IF-
IF SEL
IP SET
Divider Enable
LO IN
VCC3
ENABLE
TX BUFFER
ENABLE
LNA
GAIN
PCS
LO OUT
Cell
LO OUT
MIXER
GAIN
VCC2
PCS
LNA IN
Cell
LNA IN
GND
VCC1
0.2500
0.25
1.5000
1.50
0.50
8.0000
8.00
1.6000
1.60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com