Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3404PCBA Datasheet(PDF) 10 Page - RF Micro Devices

Part # RF3404PCBA
Description  DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3404PCBA Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RF3404PCBA Datasheet HTML 4Page - RF Micro Devices RF3404PCBA Datasheet HTML 5Page - RF Micro Devices RF3404PCBA Datasheet HTML 6Page - RF Micro Devices RF3404PCBA Datasheet HTML 7Page - RF Micro Devices RF3404PCBA Datasheet HTML 8Page - RF Micro Devices RF3404PCBA Datasheet HTML 9Page - RF Micro Devices RF3404PCBA Datasheet HTML 10Page - RF Micro Devices RF3404PCBA Datasheet HTML 11Page - RF Micro Devices RF3404PCBA Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Preliminary
8-42
RF3404
Rev A1 010918
8
traces required to converge on the perimeter of the
module. Routing is eased by viaholes that can be
placed between the inner row of connections and the
center ground pad in the cellular/PCS telephone PCB.
Why Use Integrated Modules?
Decreased Board Area
Table A shows a comparison between the leading four
design approaches for dual-band/tri-mode CDMA front
ends:
1. discrete LNAs and discrete mixers with off-chip
matching for each component,
2. single band cellular and PCS LNA/Mixer MMICs
with off-chip matching,
3. single MMIC dual band chips with off-chip matching
and finally
4. fully integrated modules like the RF3404.
Table A summarizes the number of SMD components
for each approach as well as the typical amount of
phone board space required for a complete layout.The
RF3404 represents a 50 percent to 70 percent reduc-
tion in the amount of board space required when com-
pared with the most highly integrated chip solutions on
the market today. Furthermore, it represents the larg-
est percentage improvement in board space savings
for any of the other increased integration gains in
recent years.
Reduced BOM Counts
Another area where one can see marked improvement
is in BOM reduction. The RF3404 reduces the BOM
from the most highly integrated alternatives available
today that contain approximately 25 components to
only three. The three are VCC-bypassing capacitors
that depend on the frequency response of the phone
board power supply and a resistor.
Simplify the Supply Chain
The supply chain can be significantly simplified with
the elimination of two dozen components that would
not need to be source selected, qualified, purchased,
received, stored, coordinated or delivered to the fac-
tory floor.
Decreased Engineering and Product Cycle Time
With a single module solution the RF engineering
required to design the front end is significantly
reduced. The RF3404 module allows for a design-in
solution meeting all of the IS95B requirements, which
requires significantly less engineering.
Decreased Assembly Costs
Accordingly, assembly costs are also reduced. With
SMD placement costs running in the range of 1.0cents
to 1.3cents per placement and with the placement of
die packages, SAWs, and modules costing even more
per placement, one can eliminate somewhere around
35 cents from the cost of assembly with modules and
improve factory throughput.
Improve Phone Level Yield
Known good RF performance at the module level is
available with integrated modules that have been RF
tested. Phone level yield can be improved, in addition
to the improvement in yield from placing two dozen
fewer components.
Improved Reliability
Mechanical attachment and reliability is improved with
this module technology due to a variety of factors. The
first is the elimination of numerous components and
thus solder joints, which directly aids overall phone reli-
ability. Another important factor is the matched coeffi-
cient of thermal expansion (CTE) between the laminate
module and the cellular/PCS telephone PCB that elimi-
nates much of the solder stress potential found in low-
temperature-cofired-ceramic
(LTCC)
or
chip-scale
modules and should provide the most robust solution
for the stringent mechanical shock and drop tests that
mobile telephone hardware must survive.
Table A. Comparison of Alternate CDMA Front-End Solution Approaches
Number of Components*
Level of Integration
Caps
Resistors
Inductors
Saws
Total
Components
Board Area
(sq. mm)
RF3404 Module
2
1
0
0
3
67
Dual Band Integrated MMIC
11
4
7
2
24
~200
Single Band Integrated MMIC
19
8
6
2
35
~280
LNA/Mixer Discrete Solution
24
8
6
2
40
~350
*Does not include IF matching components to IF SAW filters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com