Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3404PCBA Datasheet(PDF) 11 Page - RF Micro Devices

Part # RF3404PCBA
Description  DUAL-BAND/TRI-MODE CDMA LOW NOISE AMPLIFIER/MIXER MODULE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3404PCBA Datasheet(HTML) 11 Page - RF Micro Devices

Back Button RF3404PCBA Datasheet HTML 4Page - RF Micro Devices RF3404PCBA Datasheet HTML 5Page - RF Micro Devices RF3404PCBA Datasheet HTML 6Page - RF Micro Devices RF3404PCBA Datasheet HTML 7Page - RF Micro Devices RF3404PCBA Datasheet HTML 8Page - RF Micro Devices RF3404PCBA Datasheet HTML 9Page - RF Micro Devices RF3404PCBA Datasheet HTML 10Page - RF Micro Devices RF3404PCBA Datasheet HTML 11Page - RF Micro Devices RF3404PCBA Datasheet HTML 12Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Preliminary
8-43
RF3404
Rev A1 010918
8
Evaluation Board Schematic
Note orientation of pin 1
3404400, Rev. 4
R3
5.1
Ω
P1-11
P1-2
P1-7
P1-1
P1-11
J7
CELL LO
OUTPUT
P1-6
J6
PCS LO
OUTPUT
J5
LO INPUT
P1-8
P1-3
C19
15 pF
0402
R2
2.4 k
Ω
L3
72 nH
C18
15 pF
L4
180 nH
0603
C21
15 pF
0402
C22
33 nF
VCC
J2
FM OUT
C15
10 pF
0402
R1
10 k
Ω
L2
82 nH
L1
390 nH
0805
C12
33 nF
VCC
C17
10 pF
0402
J1
CDMA OUT
C14
12 pF
0402
P1-4
P1-5
P1-11
P1-11
P1
J3
LNA HB INPUT
J4
LNA LB INPUT
0402
11
10
9
8
7
6
5
4
3
2
1
P1
COMPONENT 1
P1-11
C11
10 pF - 47 nF
P1-8
P1-7
P1-6
P1-5
P1-4
P1-3
P1-2
P1-1
FM IF+
FM IF-
38
CELL
LO OUT
MIXER
GAIN
8
VCC2
PCS LO
OUT
1
34
9
TX BUFFER
ENABLE
30
LNA
GAIN
ENABLE
29
28
35
14
39
VCC4
43
CDMAIF-
23
BAND SEL
44
LO IN
VCC3
48
IP SET
IF SEL
15
VCC1
21
CDMAIF+
22
DIV ENABLE
CELL LNA IN
11
PCS LNA IN
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com