Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF9986PCBA Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF9986PCBA
Description  PCS LOW NOISE AMPLIFIER/MIXER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF9986PCBA Datasheet(HTML) 1 Page - RF Micro Devices

  RF9986PCBA Datasheet HTML 1Page - RF Micro Devices RF9986PCBA Datasheet HTML 2Page - RF Micro Devices RF9986PCBA Datasheet HTML 3Page - RF Micro Devices RF9986PCBA Datasheet HTML 4Page - RF Micro Devices RF9986PCBA Datasheet HTML 5Page - RF Micro Devices RF9986PCBA Datasheet HTML 6Page - RF Micro Devices RF9986PCBA Datasheet HTML 7Page - RF Micro Devices RF9986PCBA Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ü
8-131
8
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
NC
VCC1
VCC2
GND1
LNA IN
GND2
GND3
NC
GND4
VCC3
LO BUFF EN
LO IN
NC
GND9
VCC4
GND8
LNA OUT
GND7
MIX RF IN
GND6
IF-
IF+
GND5
LO BUFF OUT
RF9986
PCS LOW NOISE AMPLIFIER/MIXER
• CDMA/TDMA/DCS1900 PCS Systems
• PHS 1500/WLAN 2400 Systems
• General Purpose Down Converter
• Micro-Cell PCS Base Stations
• Portable Battery-Powered Equipment
The RF9986 is a monolithic integrated receiver front-end
for PCS, PHS, and WLAN applications. The IC contains
all of the required components to implement the RF func-
tions of the receiver front-end except for the passive filter-
ing and LO generation. It contains an LNA (low-noise
amplifiers), a double-balanced Gilbert cell mixer, a bal-
anced IF output, an LO isolation buffer amplifier, and an
LO output buffer amplifier for providing the buffered LO
signal as an output. The IC is designed to operate from a
single 3.6V power supply.
• Complete Receiver Front-End
• Extremely High Dynamic Range
• Single 3.6V Power Supply
• External LNA IP3 Adjustment
• 1500MHz to 2500MHz Operation
RF9986
PCS Low Noise Amplifier/Mixer
RF9986 PCBA
Fully Assembled Evaluation Board
8
Rev B1 010717
8°MAX
0°MIN
1
0.050
0.016
0.0098
0.0075
0.2440
0.2284
0.025
0.012
0.008
0.0688
0.0532
0.157
0.150
0.0098
0.0040
0.344
0.337
Package Style: SSOP-24


Similar Part No. - RF9986PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF9908 RFMD-RF9908 Datasheet
50Kb / 4P
CDMA/FM UPCONVERTER/BPSK MODULATOR
RF9908PCBA RFMD-RF9908PCBA Datasheet
50Kb / 4P
CDMA/FM UPCONVERTER/BPSK MODULATOR
logo
REYCONNS CHINA LIMITED
RF9913 REYCONNS-RF9913 Datasheet
489Kb / 5P
SAW Filter
logo
RF Micro Devices
RF9938 RFMD-RF9938 Datasheet
46Kb / 4P
PCS UPCONVERTER/BPSK MODULATOR
RF9938PCBA RFMD-RF9938PCBA Datasheet
46Kb / 4P
PCS UPCONVERTER/BPSK MODULATOR
More results

Similar Description - RF9986PCBA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2364 RFMD-RF2364 Datasheet
108Kb / 10P
3V PCS LOW NOISE AMPLIFIER
RF2460 RFMD-RF2460 Datasheet
592Kb / 20P
PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHZ TO 2200MHZ DOWNCONVERTER
RF2469 RFMD-RF2469 Datasheet
255Kb / 18P
W-CDMA AND PCS LOW NOISE AMPLIFIER/MIXER DOWNCONVERTER
RF2486 RFMD-RF2486 Datasheet
237Kb / 8P
PCS LOW NOISE AMPLIFIER/MIXER
RF2860 RFMD-RF2860 Datasheet
191Kb / 12P
PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
RF2460 RFMD-RF2460_06 Datasheet
618Kb / 24P
PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHz TO 2200MHz DOWNCONVERTER
RF2860 RFMD-RF2860_06 Datasheet
222Kb / 14P
PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
RF2860 RFMD-RF2860_1 Datasheet
430Kb / 20P
PCS CDMA LOW NOISE AMPLIFIER/MIXER BROADBAND DOWNCONVERTER
RF2460 RFMD-RF2460_1 Datasheet
795Kb / 26P
PCS CDMA LOW NOISE AMPLIFIER/MIXER 1500MHz TO 2200MHz DOWNCONVERTER
RF2364 RFMD-RF2364_1 Datasheet
112Kb / 4P
3V PCS LOW NOISE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com