Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3131FS Datasheet(PDF) 3 Page - Rohm

Part # BA3131FS
Description  Dual operational amplifier with switch, for audio use (3 inputs 횞 1 output 횞 2)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3131FS Datasheet(HTML) 3 Page - Rohm

  BA3131FS Datasheet HTML 1Page - Rohm BA3131FS Datasheet HTML 2Page - Rohm BA3131FS Datasheet HTML 3Page - Rohm BA3131FS Datasheet HTML 4Page - Rohm BA3131FS Datasheet HTML 5Page - Rohm BA3131FS Datasheet HTML 6Page - Rohm BA3131FS Datasheet HTML 7Page - Rohm BA3131FS Datasheet HTML 8Page - Rohm BA3131FS Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BA3131FS
Standard ICs
!
!
!
!Measurement circuit
RK
RK
50k
Ω
500k
Ω
RK
500k
Ω
0.1
µF
C2
0.1
µF
1000pF
C1
C3
15V
EK
VF
– 15V
–
+
+
–
DUT
NULL
VCC
VO
S1
Ri
Ri
10k
Ω
Rs
50
Ω
10k
Ω
Rs
50
Ω
Vref
Vref
VR
Vref
RL2
10k
Ω
RL1
2k
Ω
S3
S2
S4
Rf
50k
Ω
∗ C2 and C3 are used to prevent oscillation (adjustment required)
Fig.1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com