Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3131FS Datasheet(PDF) 5 Page - Rohm

Part # BA3131FS
Description  Dual operational amplifier with switch, for audio use (3 inputs 횞 1 output 횞 2)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3131FS Datasheet(HTML) 5 Page - Rohm

  BA3131FS Datasheet HTML 1Page - Rohm BA3131FS Datasheet HTML 2Page - Rohm BA3131FS Datasheet HTML 3Page - Rohm BA3131FS Datasheet HTML 4Page - Rohm BA3131FS Datasheet HTML 5Page - Rohm BA3131FS Datasheet HTML 6Page - Rohm BA3131FS Datasheet HTML 7Page - Rohm BA3131FS Datasheet HTML 8Page - Rohm BA3131FS Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
BA3131FS
Standard ICs
!
!
!
!Measurement circuits
Vref
–
+
A
Vcc
Iq
Fig.2 Iq
Vref
+
–
Vref
Vref
V
Vcc
1V
2k
or
10k
Ω
VoH
Fig. 3 Maximum output voltage: High
Vref
+
–
Vref
Vref
V
Vcc
1V
2k
or
10k
Ω
VoL
Fig. 4 Maximum output voltage: Low
–
+
VIN
Vref
Vcc = 18V
RL
2k
Ω
VOUT
Fig. 5 Slew rate ( )
t (
µsec)
15
5
t
SR = 10 / t
Fig. 6 Slew rate ( )
+
–
Vref
V
Vcc
Vo
10k
Ω
10
µF
GB = Vo / VIN
× f
0.1
µF
VIN
f = 10kHz
Fig. 7 Band width frequency gain



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com