Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3131FS Datasheet(PDF) 1 Page - Rohm

Part # BA3131FS
Description  Dual operational amplifier with switch, for audio use (3 inputs 횞 1 output 횞 2)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3131FS Datasheet(HTML) 1 Page - Rohm

  BA3131FS Datasheet HTML 1Page - Rohm BA3131FS Datasheet HTML 2Page - Rohm BA3131FS Datasheet HTML 3Page - Rohm BA3131FS Datasheet HTML 4Page - Rohm BA3131FS Datasheet HTML 5Page - Rohm BA3131FS Datasheet HTML 6Page - Rohm BA3131FS Datasheet HTML 7Page - Rohm BA3131FS Datasheet HTML 8Page - Rohm BA3131FS Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BA3131FS
Standard ICs
Dual operational amplifier with switch,
for audio use (3 inputs
× 1 output × 2)
BA3131FS
The BA3131FS contains two built-in circuits with operational amplifiers configured of three differential input circuits, an
output circuit, and a switch circuit. The three differential input circuits are separate, enabling independent settings to be
entered for the gain and frequency characteristics.
!Applications
Car stereos, audio amplifiers and other electronic circuits
!Features
1) High gain and low distortion. (Gv = 110dB, THD = 0.0015% typ.)
2) Low noise. (Vn = 2
µVrms typ.)
3) Switching circuit can be directly coupled to microcomputer port.
4) Small switching noise.
5) Equipped with 1 / 2 Vcc output circuit for single power supply.
!
!
!
!Block diagram
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
33
RR
GND
SW2
OUT1
- IN1C
+ IN1C
+ IN1B
- IN1B
+ IN1A
- IN1A
SW1
VCC
1 / 2 VCC
OUT2
- IN2C
+ IN2C
+ IN2B
- IN2B
+ IN2A
- IN2A
Vref OUT
– +
+ –
– +
+ –
– +
+ –
–


Similar Part No. - BA3131FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3131FS ROHM-BA3131FS Datasheet
124Kb / 5P
Silicon Monolithic Integrated Circuit
BA3131FS ROHM-BA3131FS_1 Datasheet
221Kb / 6P
3 Dual operational amplifier with switch for car audio systems
BA3131FS ROHM-BA3131FS_11 Datasheet
124Kb / 5P
Silicon Monolithic Integrated Circuit
More results

Similar Description - BA3131FS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BA3128N ETC1-BA3128N Datasheet
229Kb / 11P
Audio-switched operational amplifier(2 inputs, 1 output)
logo
Princeton Technology Co...
PT2305 PTC-PT2305 Datasheet
198Kb / 3P
2.5W 횞 2 Class AB Audio Power Amplifier
logo
Rohm
BA3131FS ROHM-BA3131FS_1 Datasheet
221Kb / 6P
3 Dual operational amplifier with switch for car audio systems
logo
Sanyo Semicon Device
LA4227 SANYO-LA4227 Datasheet
155Kb / 4P
Audio Output for Radio Cassette Recorders 3W 횞 2ch Power Amplifier
logo
Toshiba Semiconductor
TA8246AHQ TOSHIBA-TA8246AHQ Datasheet
286Kb / 11P
Dual Audio Power Amplifier 6 W 횞 2 Ch
TA8246AH TOSHIBA-TA8246AH_02 Datasheet
192Kb / 11P
Dual Audio Power Amplifier 6 W 횞 2 Ch
TA8256BH TOSHIBA-TA8256BH_02 Datasheet
212Kb / 11P
Audio Power Amplifier 6 W 횞 3 Ch
logo
Princeton Technology Co...
PT2303 PTC-PT2303 Datasheet
425Kb / 17P
2W 횞 2 Class AB Audio Power Amplifier
PT2305 PTC-PT2305_05 Datasheet
542Kb / 27P
2.5W 횞 2 Class AB Audio Power Amplifier
logo
NXP Semiconductors
TDA8547TS PHILIPS-TDA8547TS_15 Datasheet
524Kb / 21P
2 횞 0.7 W BTL audio amplifier with output channel switching
1998 Apr 01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com