Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3430FS Datasheet(PDF) 1 Page - Rohm

Part # BA3430FS
Description  Stereo pre-amplifiers with mute detection circuits for car stereos
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3430FS Datasheet(HTML) 1 Page - Rohm

  BA3430FS Datasheet HTML 1Page - Rohm BA3430FS Datasheet HTML 2Page - Rohm BA3430FS Datasheet HTML 3Page - Rohm BA3430FS Datasheet HTML 4Page - Rohm BA3430FS Datasheet HTML 5Page - Rohm BA3430FS Datasheet HTML 6Page - Rohm BA3430FS Datasheet HTML 7Page - Rohm BA3430FS Datasheet HTML 8Page - Rohm BA3430FS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
269
Audio ICs
Stereo pre-amplifiers with mute
detection circuits for car stereos
BA3430S / BA3430F / BA3430FS
The BA3430S, BA3430F, and BA3430FS are stereo pre-amplifiers with mute detection circuits which have been de-
signed for use in car stereos. The analog circuitry including the pre-amplifier and mute detection and the digital circuitry
such as control logic circuits have been combined together on a single chip. This has made it possible to reduce the
interface with the microcontroller to five parallel inputs and outputs, and enables a very compact circuit configuration
around the tape head.
The BA3430S, BA3430F, or BA3430FS makes it possible to easily incorporate an ultra-compact, high-precision pre-am-
plifier board into the mechanical components of a car stereo.
FAbsolute maximum ratings (Ta = 25_C)
FRecommended operating conditions (Ta = 25_C)


Similar Part No. - BA3430FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3430FS ROHM-BA3430FS Datasheet
331Kb / 6P
Stereo pre-amplifire with mute detection circuits for car audio systems
More results

Similar Description - BA3430FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA2042F TOSHIBA-TA2042F Datasheet
527Kb / 15P
DUAL PRE AMPLIFIER WITH A MUSIC SEARCH FOR AUTO REVERSE CAR STEREO
logo
Rohm
BA3612AKV ROHM-BA3612AKV Datasheet
304Kb / 14P
Pre-power amplifier for headphone stereos
BA3632K ROHM-BA3632K Datasheet
339Kb / 16P
Pre / power amplifier for 1.5V headphone stereos
BA3915B ROHM-BA3915B Datasheet
247Kb / 16P
System power supply for car stereos
BA3918 ROHM-BA3918 Datasheet
153Kb / 9P
System power supply for car stereos
BA4900 ROHM-BA4900 Datasheet
169Kb / 10P
System power supply for car stereos
logo
Sanyo Semicon Device
LA4422 SANYO-LA4422 Datasheet
429Kb / 10P
5.8W typ AF Power Amplifier for Car Stereos, Car Radios
logo
Rohm
BA3430FS ROHM-BA3430FS Datasheet
331Kb / 6P
Stereo pre-amplifire with mute detection circuits for car audio systems
logo
Holtek Semiconductor In...
HT82V736 HOLTEK-HT82V736 Datasheet
143Kb / 9P
Stereo Headphone Driver with Mute
February 3, 2005
logo
Panasonic Semiconductor
AN7311 PANASONIC-AN7311 Datasheet
105Kb / 3P
Dual Pre-Amplifier for Car Stereo
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com