Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3880AS Datasheet(PDF) 2 Page - Rohm

Part # BA3880AS
Description  High-definition sound processor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3880AS Datasheet(HTML) 2 Page - Rohm

  BA3880AS Datasheet HTML 1Page - Rohm BA3880AS Datasheet HTML 2Page - Rohm BA3880AS Datasheet HTML 3Page - Rohm BA3880AS Datasheet HTML 4Page - Rohm BA3880AS Datasheet HTML 5Page - Rohm BA3880AS Datasheet HTML 6Page - Rohm BA3880AS Datasheet HTML 7Page - Rohm BA3880AS Datasheet HTML 8Page - Rohm BA3880AS Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
BA3880AS / BA3880AFS
Audio ICs
!
!
!
!Absolute maximum ratings
(Ta = 25
°C)
Parameter
Power supply voltage
Power dissipation
Operating temperature
Storage temperature
VCC
Pd
Topr
Tstg
11
1000
∗
−40~+85
−55~+125
V
Symbol
Limits
Unit
mW
°C
°C
∗ Reduced by 10mW for each increase in Ta of 1°C over 25°C.
!
!
!
!Recommended operating conditions
Parameter
Power supply voltage
VCC
5.4~10.8
V
Symbol
Limits
Unit
!
!
!
!Electrical characteristics
(unless otherwise noted, Ta = 25
°C, VCC = 9V, fIN = 1kHz, VIN = 200mVrms, Rg = 600Ω, RL = 100k Ω and VCTL = 4.5V)
Parameter
Circuit current
Voltage gain 1
Voltage gain 2
Voltage gain 3
Voltage gain 4
Voltage gain 5
Channel balance
Maximum output voltage
Output noise voltage 1
Output noise voltage 2
Total harmonic distortion 1
Total harmonic distortion 2
Channel separation
Ripple rejection ratio
ICC
GV1
GV2
GV3
GV4
GV5
mA
Symbol
3.9
−2.0
−2.5
−1.0
9.0
−
Min.
5.9
0
−0.5
1.0
11.0
4.0
Typ.
11.8
2.0
1.5
4.0
13.0
−
dB
dB
Max.
Unit
Conditions
dB
dB
dB
CB
−2.0
0
2.0
dB
fIN = 10kHz, VCTL = 0V
VOM
2.0
2.3
−
Vrms
THD
= 1%
VNO1
−
210
µVrms Rg = 0
Ω, DIN AUDIO, VCTL = 9V
VNO2
−
16
70
µVrms Rg = 0
Ω, DIN AUDIO
THD1
−
0.005
0.05
%
400Hz~30kHz BPF,
VCTL = 9V
THD2
−
0.04
0.4
%
400Hz~30kHz BPF
CS
−−67
−60
dB
VIN = 1Vrms
RR
60
68
−
dB
Rg = 0
Ω, fR = 100Hz, VR = 100mVrms
fIN = 10kHz, VCTL = 0V
fIN = 50Hz
VCTL = 9V
VIN = 0Vrms
fIN = 10kHz
∗Note : When VCTL = 9V, the IC is in bypass mode (through operations).
When VCTL = 4.5V, the IC is in processor mode (enhance operations) with minimum definition level.
When VCTL = 0V, the IC is in processor mode (enhance operations) with maximum definition level.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com