Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3880AS Datasheet(PDF) 4 Page - Rohm

Part # BA3880AS
Description  High-definition sound processor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3880AS Datasheet(HTML) 4 Page - Rohm

  BA3880AS Datasheet HTML 1Page - Rohm BA3880AS Datasheet HTML 2Page - Rohm BA3880AS Datasheet HTML 3Page - Rohm BA3880AS Datasheet HTML 4Page - Rohm BA3880AS Datasheet HTML 5Page - Rohm BA3880AS Datasheet HTML 6Page - Rohm BA3880AS Datasheet HTML 7Page - Rohm BA3880AS Datasheet HTML 8Page - Rohm BA3880AS Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
BA3880AS / BA3880AFS
Audio ICs
BA3880AFS
0.1
µ
1
µ
47
µ
470p
6800p
9V
1
24
2
23
3
22
4
21
5
20
6
19
7
18
8
17
9
16
10
15
11
14
0.01
µ
6800p
470p
4.7
µ
1
µ
9V
4.5V
4.7
µ
100k
V
V
THD
4.7
µ
600
MIXL
VCAL
VCC
DEFL
DETL
GND
DETR
DEFR
CTL
VCAR
MIXR
OUTL
INL
APFL
HPFL
LPFL
BIASC
LPFR
HPFR
APFR
INR
OUTR
BA3880AFS
A
Fig.2
0.01
µ
100k
V
V
THD
4.7
µ
600
4.7
µ
12
0.068
µ
13
47
µ
0.068
µ
(Units) R :
Ω
C : F



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com