Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA3880AS Datasheet(PDF) 9 Page - Rohm

Part # BA3880AS
Description  High-definition sound processor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3880AS Datasheet(HTML) 9 Page - Rohm

  BA3880AS Datasheet HTML 1Page - Rohm BA3880AS Datasheet HTML 2Page - Rohm BA3880AS Datasheet HTML 3Page - Rohm BA3880AS Datasheet HTML 4Page - Rohm BA3880AS Datasheet HTML 5Page - Rohm BA3880AS Datasheet HTML 6Page - Rohm BA3880AS Datasheet HTML 7Page - Rohm BA3880AS Datasheet HTML 8Page - Rohm BA3880AS Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
BA3880AS / BA3880AFS
Audio ICs
!
!
!
!Operation notes
(1) Control pin (CTL)
The level of the DC voltage applied to the control pin should be in the range 0V to VCC. Appropriate switching may not be
possible in the region of the threshold voltage. Allow sufficient margin when setting this voltage.
(2) Recommended operating range
Provided the IC is operated within the operating temperature range and within the recommended operating conditions,
the general circuit functions are guaranteed to operate correctly, and there will not be significant changes in the electrical
characteristics.
(3) Application example
Provided the circuit constants in the application example circuit are used, the application circuit should function correctly.
However, we recommend that you confirm the characteristics of the circuit in actual use, and take note of the cautionary
items described above. If you change the circuit constants, check both the static and transient characteristics of the circuit,
and allow sufficient margin to accommodate variations in both the IC and the external components.
(4) License
The ICs are manufactured under license from BBB Sound Inc. (U.S.A.). A license agreement with BBB Sound Inc. is
required to use this component.
!
!
!
!Electrical characteristic curves
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5
2
4
6
8
10
12
CONTROL VOLTAGE : VCTL
(V)
VCC = 9V
f = 10kHz
VIN = 200mVrms
Fig. 3 Definition level vs.
control voltage
INPUT VOLTAGE : VIN
(dBV)
Fig. 4 Definition level vs.
input voltage
0
−10 −20 −30 −40 −50 −60
2
4
6
8
10
12
VCC
= 9V
f
= 10kHz
VCTL
= 0V
−70 −80
14
16
!
!
!
!External dimensions
(Units : mm)
BA3880AS
0.15
0.3Min.
1
24
0.36
±0.1
10.0
±0.2
12
13
0.8
BA3880AFS
SSOP-A24
SDIP22
19.4
±0.3
0.5
±0.1
1
11
12
22
0.3
±0.1
0
°~15°
1.778
7.62



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com