Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6970FS Datasheet(PDF) 5 Page - Rohm

Part # BA6970FS
Description  2-phase motor driver for VCR cylinder motors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6970FS Datasheet(HTML) 5 Page - Rohm

  BA6970FS Datasheet HTML 1Page - Rohm BA6970FS Datasheet HTML 2Page - Rohm BA6970FS Datasheet HTML 3Page - Rohm BA6970FS Datasheet HTML 4Page - Rohm BA6970FS Datasheet HTML 5Page - Rohm BA6970FS Datasheet HTML 6Page - Rohm BA6970FS Datasheet HTML 7Page - Rohm BA6970FS Datasheet HTML 8Page - Rohm BA6970FS Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
598
Motor driver ICs
BA6970FS
FInput / output circuits
(1)
ECV (22 pin)
(2)
Coil output (8, 6, 5, 3 pin)
(3)
Hall inputs (9, 10, 11, 12 pin), ECI input
(4)
I / O of amplifiers 1 and 2
(5)
I / O of hysteresis amplifiers
∗Note that the resistance values can vary ±30%
Fig.1
Fig.2
Fig.3
Fig.4
Fig.5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com