Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6970FS Datasheet(PDF) 8 Page - Rohm

Part # BA6970FS
Description  2-phase motor driver for VCR cylinder motors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6970FS Datasheet(HTML) 8 Page - Rohm

  BA6970FS Datasheet HTML 1Page - Rohm BA6970FS Datasheet HTML 2Page - Rohm BA6970FS Datasheet HTML 3Page - Rohm BA6970FS Datasheet HTML 4Page - Rohm BA6970FS Datasheet HTML 5Page - Rohm BA6970FS Datasheet HTML 6Page - Rohm BA6970FS Datasheet HTML 7Page - Rohm BA6970FS Datasheet HTML 8Page - Rohm BA6970FS Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
601
Motor driver ICs
BA6970FS
(3)
ECI input
The ECI input circuit has 2VF and a 500
Ω resistor con-
nected in series. Current is limited only by the 500
Ω re-
sistor.
(4)
Amplifiers 1 and 2
An input range of 0.6V to (VCC
*1.2V) is recommended.
Unpredictable outputs may occur when the input is out-
side this range.
(5)
Hysteresis amplifier
An input range of 0.6V to (VCC
*1.2V) is recommended.
Unpredictable outputs may occur when the input is out-
side this range.
(6)
Thermal shutdown circuit
The thermal shutdown circuit puts the driver outputs (8,
6, 5, 3 pin) to the open state at the temperature of 175
_C
(typical). The circuit is deactivated when the temperature
drops to about 155
_C.
(7)
Signal ground pin
Pins 1 and 24 are signal ground pins. Be noted that un-
predictable outputs may occur if your application causes
a large current between pins 1 and 24 via the bonding
wire IC chip.
FApplication example
Fig.12



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com