Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6970FS Datasheet(PDF) 7 Page - Rohm

Part # BA6970FS
Description  2-phase motor driver for VCR cylinder motors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6970FS Datasheet(HTML) 7 Page - Rohm

  BA6970FS Datasheet HTML 1Page - Rohm BA6970FS Datasheet HTML 2Page - Rohm BA6970FS Datasheet HTML 3Page - Rohm BA6970FS Datasheet HTML 4Page - Rohm BA6970FS Datasheet HTML 5Page - Rohm BA6970FS Datasheet HTML 6Page - Rohm BA6970FS Datasheet HTML 7Page - Rohm BA6970FS Datasheet HTML 8Page - Rohm BA6970FS Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
600
Motor driver ICs
BA6970FS
(3)
Output waveforms are shown in Fig. 9. Because of
the amplifier offset, the output is left OPEN when the out-
put signal switches from positive to negative. The output
waveform is determined by the external circuit because
the IC impedance increases during this transition period.
Since inductive loads are usually provided, a capacitor
should be connected to suppress backlash voltages.
FOperation notes
(1)
ECV input (pin 22)
The ECV input is plotted against the output current in Fig.
10.
(2)
Hall input
Hall input signals of 50mV (peak to peak) or greater
should be applied between pins 9 and 10 and between
pins 11 and 12. The DC input range is 2V to
(Vreg
*1.5V). There will be no problem if the input is cen-
tered around Vreg / 2.
Because the Hall input impedance is 1M
Ω or grater, any
type of Hall device can be connected. No current flows
when the transistor is off because pins 9 and 10 as well
as pins 11 and 12 are differential inputs.
Because the IC is a linear driver, any DC offset in the Hall
device will be amplified and appear in the output. Use
Hall devices having a minimum offset. Hall devices can
be connected in either series or parallel.
Fig.9
Fig.10
Fig.11



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com