Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7665FS Datasheet(PDF) 2 Page - Rohm

Part # BA7665FS
Description  3-channel 75??driver with Y / C MIX
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7665FS Datasheet(HTML) 2 Page - Rohm

  BA7665FS Datasheet HTML 1Page - Rohm BA7665FS Datasheet HTML 2Page - Rohm BA7665FS Datasheet HTML 3Page - Rohm BA7665FS Datasheet HTML 4Page - Rohm BA7665FS Datasheet HTML 5Page - Rohm BA7665FS Datasheet HTML 6Page - Rohm BA7665FS Datasheet HTML 7Page - Rohm BA7665FS Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Multimedia ICs
BA7665FS
•Electrical characteristics (unless otherwise noted, Ta = 25°C, VCC = 5V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Circuit current
Maximum output level
Frequency characteristics
Inter channel crosstalk
Mute attenuation
Mute switch high level
Mute switch low level
Input impedance
ICC
Vom
Gf
CT
MT
VTHH
VTHL
ZIN
13.0
2.6
– 1.0
—
—
2.5
0
16
26.0
3.0
0.0
– 60
– 60
—
—
20
39.0
—
1.0
—
—
VCC
1.0
24
mA
VP-P
dB
dB
dB
V
V
k
Ω
No signal
f = 1kHz, THD = 1 %
f = 7MHz / 1MHz, 1VP-P
f = 4.43MHz, 1VP-P
f = 4.43MHz, 1VP-P
Chroma input pin (pin 7)
•Block diagram
+
6dB
Mute
75
Ω
6dB
75
Ω
6dB
75
Ω
20k
1
2
3
4
5
6
7
8
MUTEA
INA
GND
GND
GND
N.C.
INB
MUTEB
16
15
14
13
12
11
10
9
VCC1
OUTA1
OUTA2
VCC2
MIXOUT1
MIXOUT2
N.C.
OUTB
Chroma Mute



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com