Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7665FS Datasheet(PDF) 1 Page - Rohm

Part # BA7665FS
Description  3-channel 75??driver with Y / C MIX
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7665FS Datasheet(HTML) 1 Page - Rohm

  BA7665FS Datasheet HTML 1Page - Rohm BA7665FS Datasheet HTML 2Page - Rohm BA7665FS Datasheet HTML 3Page - Rohm BA7665FS Datasheet HTML 4Page - Rohm BA7665FS Datasheet HTML 5Page - Rohm BA7665FS Datasheet HTML 6Page - Rohm BA7665FS Datasheet HTML 7Page - Rohm BA7665FS Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Multimedia ICs
3-channel 75
Ω driver with Y / C MIX
BA7665FS
The BA7665FS has three 75
Ω driver circuits with 6dB amplifiers, and includes a Y / C MIX circuit. The IC can pro-
vide a 75
Ω drive with a composite Y signal, C signal, or a Y / C MIX signal. Dual-circuit drive capacity for each load
is provided, and a sag compensation function is provided to allow use of smaller coupling capacitors.
The composite Y signal input is a sync-tip clamp input, and the chroma input is a biased input.
The three channels can be simultaneously muted, or the chroma signal only (in the case of C / Y output, only Y is
output), and output short circuit protection and power save circuits are also provided.
•Applications
Digital AV equipment, DVD and DVC players
•Features
1) Y / C MIX circuit.
2) Low power consumption (typ. 130mW).
3) Output mute circuit.
4) Power save circuit.
5) Output protection circuit.
6) Sag compensation circuit allows small output cou-
pling capacitors.
7) Two-circuit drive possible for loads.
8) Compact SSOP-A 16-pin package.
•Absolute maximum ratings (Ta = 25°C)
Parameter
Symbol
Limits
Unit
Power supply voltage
Power dissipation
Operating temperature
Storage temperature
VCC
Pd
Topr
Tstg
8
650∗
– 25 ~ + 75
– 55 ~ + 125
V
mW
°C
°C
∗ Reduced by 6.5mW for each increase in Ta of 1°C over 25°C.
•Recommended operating conditions (Ta = 25°C)
Parameter
Symbol
Unit
Max.
Typ.
Min.
Power supply voltage
VCC
4.5
5.5
5.0
V
Not designed for radiation resistance.


Similar Part No. - BA7665FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7665AFS ROHM-BA7665AFS Datasheet
246Kb / 6P
3 channel 75ohm driver for DVD (Y/C MIX Type)
More results

Similar Description - BA7665FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA7664FV ROHM-BA7664FV Datasheet
79Kb / 7P
75??driver with Y / C MIX circuit
logo
Mitsumi Electronics, Co...
MM1501 MITSUMI-MM1501 Datasheet
352Kb / 14P
Video Switch 쨌 75??driver 쨌 Y/C mix
MM1188 MITSUMI-MM1188 Datasheet
117Kb / 5P
3-Input 1-Output Video Switch (with Y-C mix)
logo
Rohm
BA7664AFV ROHM-BA7664AFV Datasheet
242Kb / 6P
1ch 75ohm driver for DVD (Y/C MIX Type)
BA7665AFS ROHM-BA7665AFS Datasheet
246Kb / 6P
3 channel 75ohm driver for DVD (Y/C MIX Type)
logo
New Japan Radio
NJM2570A NJRC-NJM2570A Datasheet
79Kb / 7P
75??Driver with Filter and Y/C MIX
logo
Mitsumi Electronics, Co...
MM1188 MITSUMI-MM1188 Datasheet
119Kb / 5P
3-Input 1-Output Video Switch (with Y-C mix) Monolithic IC
logo
Agamem Microelectronic ...
AA8600AP AGAMEM-AA8600AP Datasheet
172Kb / 7P
Y/C MIX
logo
Rohm
BA7664AFV ROHM-BA7664AFV_09 Datasheet
207Kb / 5P
Y/C MIX Circuit built-in Video Driver
logo
Agamem Microelectronic ...
AA8600 AGAMEM-AA8600 Datasheet
43Kb / 1P
VIDEO Y/C MIX
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com