Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7665FS Datasheet(PDF) 5 Page - Rohm

Part # BA7665FS
Description  3-channel 75??driver with Y / C MIX
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7665FS Datasheet(HTML) 5 Page - Rohm

  BA7665FS Datasheet HTML 1Page - Rohm BA7665FS Datasheet HTML 2Page - Rohm BA7665FS Datasheet HTML 3Page - Rohm BA7665FS Datasheet HTML 4Page - Rohm BA7665FS Datasheet HTML 5Page - Rohm BA7665FS Datasheet HTML 6Page - Rohm BA7665FS Datasheet HTML 7Page - Rohm BA7665FS Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Multimedia ICs
BA7665FS
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Voltage gain
Interchannel voltage gain
Gv
∆Gv
5.5
– 0.5
6.0
0.0
6.5
0.5
dB
dB
f = 4.43MHz, 1VP-P
f = 100kHz, 1VP-P
•Guaranteed design values (unless otherwise noted, Ta = 25°C, VCC = 5V)
•Mute SW mode settings
3ch MUTE
• MUTEA (1pin)
H
NORMAL
L
CHROMA MUTE
• MUTEB (8pin)
H
NORMAL
L
•Pin descriptions and equivalent I / O circuits
Pin. No
Pin name
IN
OUT Standard potential
Equivalent I / O circuit
Pin description
1
MUTEA
MUTEB
K
——
K
—
2.0V
K
—
2.0V
——
0V
1
8
2
7
3
4
5
INA
INB
GND
Mute control pin
When MUTE A (pin 1) goes high, all
three channels are muted at the same
time. When MUTE B (pin 8) goes
high, OUTB and the MIXOUT chroma
signals are muted.
Signal input pin
This is the input pin for the composite
Y signal (sync-tip clamp input).
Ground pin
Signal input pin
Bias-type input pin for the chroma
signal. The input impedance is 20k
Ω.
15k
8k
20k
↓
↓
GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com