Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7725FS Datasheet(PDF) 3 Page - Rohm

Part # BA7725FS
Description  Analog compander for KARAOKE echo systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7725FS Datasheet(HTML) 3 Page - Rohm

  BA7725FS Datasheet HTML 1Page - Rohm BA7725FS Datasheet HTML 2Page - Rohm BA7725FS Datasheet HTML 3Page - Rohm BA7725FS Datasheet HTML 4Page - Rohm BA7725FS Datasheet HTML 5Page - Rohm BA7725FS Datasheet HTML 6Page - Rohm BA7725FS Datasheet HTML 7Page - Rohm BA7725FS Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Multimedia ICs
BA7725S / BA7725FS
•Pin descriptions
Pin name
Function
BA7725S
BA7725FS
1
1
LINE OUT
Line output
2
2
LINE IN
Line input
3—
—
—
N.C.
4
3
ECHO LEV CTRL
Microphone turns off when voltage drops below 1V.
Set echo signal damping ratio between 2-9V (Vcc = 9.0V).
5
4
GND
Ground
6
5
LOOP GAIN CTRL
Setting the loop damping ratio. Set between
2-9V (Vcc = 9.0V).
7
6
EXP DET
Expand detection
8
7
EXP DET CT
9
8
EXP BF OUT
LPF BF output (expansion)
10
9
EXP BF IN
LPF BF input (expansion)
11
10
DLY BF OUT
Echo signal input BF output
12
11
DLY BF IN
Echo signal input BF input
13
12
CMP BF OUT
LPF BF output (compression)
14
13
CMP BF IN
LPF BF input (compression)
15
14
CMP OUT
Compression output
16
15
CMP DET CT
17
16
CMP DET
Compression detection
18
17
RIPPLE FITER
Attached ripple rejection capacitor
19
18
20
—
N.C.
21
19
MIC AMP OUT
Microphone amplifier output
22
20
MIC AMP IN
Microphone amplifier input
Setting expand attack / recovery time
Attack (R) = 5.6k
Ω, recovery (R) = 85.6kΩ
Setting the compression attack / recovery time
Attack (R) = 5.6k
Ω, recovery (R) = 85.6kΩ
VCC
VCC
Pin No.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com