Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7725FS Datasheet(PDF) 5 Page - Rohm

Part # BA7725FS
Description  Analog compander for KARAOKE echo systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7725FS Datasheet(HTML) 5 Page - Rohm

  BA7725FS Datasheet HTML 1Page - Rohm BA7725FS Datasheet HTML 2Page - Rohm BA7725FS Datasheet HTML 3Page - Rohm BA7725FS Datasheet HTML 4Page - Rohm BA7725FS Datasheet HTML 5Page - Rohm BA7725FS Datasheet HTML 6Page - Rohm BA7725FS Datasheet HTML 7Page - Rohm BA7725FS Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Multimedia ICs
BA7725S / BA7725FS
•Electrical characteristics (unless otherwise noted, Ta = 25°C, Vcc = 9V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Supply current
ICC
4.3
5.7
7.6
mA
No input
Line through output level
VOLL
– 9.0
– 8.0
– 7.0
dBV
VIN = – 26.0dBV
Line through output distortion
THDLL
—
0.15
0.5
%
Line through maximum output level
VOML
+ 5.0
+ 7.2
—
dBV
Line through noise level
VONL
—
– 92
– 77
dBV
Microphone through output level
VOML
– 10.5
– 8.5
– 6.5
dBV
VIN = – 52dBV
Microphone through output distortion
THDML
—
0.2
0.5
%
Microphone through input conversion noise
VONM
—
– 114
– 104
dBV
Input shorted
Microphone through crosstalk
CTML
—
– 91
– 75
dBV
Compress output level
VOMC
– 6.5
– 4.5
– 2.5
dBV
VIN = – 52dBV
Compress output distortion
THDMC
—
0.5
2.0
%
Compress noise level
VONC
—
– 55
– 45
dBV
Compress characteristics
CMP
—
– 11.0
—
dB
VODL1
– 11.7
– 9.7
—
dBV
VIN = – 5.0dBV, V4 = 9.0V
Expand output distortion
THDDL
—
0.25
2.0
%
Expand characteristic
EXP
—
– 19.5
—
dB
VODL2
—
– 54
– 44
dB
VODC1
– 7.5
– 5.5
—
dBV
VIN = – 5.0dBV, V6 = 9.0V
VODC2
—
– 42
– 32
dBV
MIC OFF holding voltage
V4OFF
0.0
—
—
—
1.0
V
MIC ON holding voltage
V4ON
2.0
—
9.0
V
VIN = – 42dBV
→ – 62dBV
Output level differential
Expand output level 1
Expand output level 2
VIN = 0dBV
→ – 10.0dBV
Output level differential
VIN = – 5.0dBV,
Output level differential relative to VoDL1
VIN = – 5.0dBV,
Output level differential relative to VoDC1
Loop output level 1
Loop output level 2
〈LINE THROUGH〉 INPUT : LINE IN, OUTPUT : LINE OUT
〈MIC THROUGH〉 INPUT : MIC AMP IN, OUTPUT : LINE OUT
〈COMPRESS〉 INPUT : MIC AMP IN, OUTPUT : CMP BF OUT
〈EXPAND〉 INPUT : DLY BF IN, OUTPUT : LINE OUT
〈Loop〉 INPUT : DLY BF IN, OUTPUT : CMP BF OUT
〈Mode holding voltage〉
Unless otherwise noted, V4 = 9.0V (MIC ON), V6 = 9.0V (Max. LOOP GAIN)
∗1 BW = 0.4-30kHz
∗2 DIN AUDIO
V6 = 2.0V (VR = Min. time)
V4 = 2.0V (VR = Min. time)
VIN = – 26.0dBV, MIC OFF,∗1
MIC OFF, Rg = 600
Ω,∗2
VIN = – 52dBV,∗1
VIN = – 44dBV, MIC OFF,∗2
VIN = – 52dBV,∗1
Rg = 600
Ω,∗2
VIN = – 5.0dBV, V4 = 9.0V,∗1
THD = 1%,∗1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com