Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA7725FS Datasheet(PDF) 7 Page - Rohm

Part # BA7725FS
Description  Analog compander for KARAOKE echo systems
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7725FS Datasheet(HTML) 7 Page - Rohm

  BA7725FS Datasheet HTML 1Page - Rohm BA7725FS Datasheet HTML 2Page - Rohm BA7725FS Datasheet HTML 3Page - Rohm BA7725FS Datasheet HTML 4Page - Rohm BA7725FS Datasheet HTML 5Page - Rohm BA7725FS Datasheet HTML 6Page - Rohm BA7725FS Datasheet HTML 7Page - Rohm BA7725FS Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Multimedia ICs
BA7725S / BA7725FS
10
5
– 100
–50
0
Secondary echo
Sound source
Primary echo
0
ATT (dB)
V4 = 9.0V
LOOP GAIN CTRL pin voltage : (V)
Line output attenuation vs.
loop gain control pin voltage
Fig.7
0
– 50
– 100
05
10
Primary echo
Sound source
ATT (dB)
ECHO LEVEL CTRL pin voltage : (V)
Line output attenuation vs.
echo level control pin voltage
Fig.6
(2) LINE IN / LINE OUT gain
Line amplifier gain is fixed at +18dB.
+
+
+12dB
Fig.5
2
1
21
22
MIC AMP IN
R9
R10
SW
LINE OUT
LINE IN
After being amplified by the internal microphone amplifier, the audio signal is log-
arithmically compressed by 1 / 2 then input to the tertiary low pass filter, which
comprises an internal BF and attached capacitor and resistor.
(3) Echo level control
The DC voltage supplied to pin 4 (BA7725S) or pin 3 (BA7725FS) determines
when the microphone switch is turned on and off and controls the echo level.
Line input and level-controlled microphone input are mixed and output.
Mode
Threshold voltage
Operation
L (1.0V Max.)
Only line audio is output.
MIC OFF
H (2.0V Min.)
MIC ON
Microphone switch control
Echo level control
Attenuation of the primary echo signals from sound
source can be controlled by changing the DC voltage
impressed on pin 4 (BA7725S) or pin 3 (BA7725FS)
between 2V and 9V.
Attenuation of primary echo signals can be controlled
by changing the DC voltage impressed on pin 6
(BA7725S) or pin 5 (BA7725FS) .



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com